Electronic Components Datasheet Search
  English  ▼

X  

HV583 Datasheet(PDF) 19 Page - Microchip Technology

Part # HV583
Description  128-Channel Serial to Parallel Converter with Push-Pull Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV583 Datasheet(HTML) 19 Page - Microchip Technology

Back Button HV583 Datasheet HTML 14Page - Microchip Technology HV583 Datasheet HTML 15Page - Microchip Technology HV583 Datasheet HTML 16Page - Microchip Technology HV583 Datasheet HTML 17Page - Microchip Technology HV583 Datasheet HTML 18Page - Microchip Technology HV583 Datasheet HTML 19Page - Microchip Technology HV583 Datasheet HTML 20Page - Microchip Technology HV583 Datasheet HTML 21Page - Microchip Technology HV583 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2015 Microchip Technology Inc.
DS20005461A-page 19
HV583
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
XX-X
Package
Device
Device:
HV583: Low-Voltage Serial to High-Voltage Parallel
Converter with HV Outputs
Package:
GA-G =
Thin Fine Pitch Ball Grid Array - 10 x 10 x 1.1 mm
Body, 169-lead (TFBGA)
Examples:
a)
HV583GA-G: 169-Ball 10x10 TFBGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com