Electronic Components Datasheet Search
  English  ▼

X  

DS1746W Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1746W
Description  Y2KC Nonvolatile Timekeeping RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1746W Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1746W Datasheet HTML 9Page - Dallas Semiconductor DS1746W Datasheet HTML 10Page - Dallas Semiconductor DS1746W Datasheet HTML 11Page - Dallas Semiconductor DS1746W Datasheet HTML 12Page - Dallas Semiconductor DS1746W Datasheet HTML 13Page - Dallas Semiconductor DS1746W Datasheet HTML 14Page - Dallas Semiconductor DS1746W Datasheet HTML 15Page - Dallas Semiconductor DS1746W Datasheet HTML 16Page - Dallas Semiconductor DS1746W Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DS1746/DS1746P
13 of 18
POWER–UP/DOWN CHARACTERISTICS
(Over the Operating Range; VCC = 3.3V
± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
CE or WE at VH, Before
Power-down
tPD
0
µs
VCC Fall Time: VPF(MAX) to
VPF(MIN)
tF
300
µs
VCC Rise Time: VPF(MIN) to
VPF(MAX)
tR
0
µs
VPF to RST High
tREC
35
ms
Expected Data Retention Time
(Oscillator ON)
tDR
10
years
5,6
POWER–UP/DOWN WAVEFORM TIMING 3.3 VOLT DEVICE
CAPACITANCE
t A = 25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance on all input pins
CIN
7pF
Capacitance on all output pins
CO
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com