Electronic Components Datasheet Search
  English  ▼

X  

DS1746W Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1746W
Description  Y2KC Nonvolatile Timekeeping RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1746W Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1746W Datasheet HTML 1Page - Dallas Semiconductor DS1746W Datasheet HTML 2Page - Dallas Semiconductor DS1746W Datasheet HTML 3Page - Dallas Semiconductor DS1746W Datasheet HTML 4Page - Dallas Semiconductor DS1746W Datasheet HTML 5Page - Dallas Semiconductor DS1746W Datasheet HTML 6Page - Dallas Semiconductor DS1746W Datasheet HTML 7Page - Dallas Semiconductor DS1746W Datasheet HTML 8Page - Dallas Semiconductor DS1746W Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS1746/DS1746P
4 of 18
DS1746 TRUTH TABLE Table 1
VCC
CE
OE
WE
MODE
DQ
POWER
VIH
X
X
DESELECT
HIGH-Z
STANDBY
VIL
XVIL
WRITE
DATA IN
ACTIVE
VIL
VIL
VIH
READ
DATA OUT
ACTIVE
VCC>VPF
VIL
VIH
VIH
READ
HIGH-Z
ACTIVE
VSO<VCC<VPF
X
X
X
DESELECT
HIGH-Z
CMOS STANDBY
VCC<VSO<VPF
X
X
X
DESELECT
HIGH-Z
DATA RETENTION
MODE
SETTING THE CLOCK
As shown in Table 2, bit 7 of the century register is the write bit. Setting the write bit to a one, like the
read bit, halts updates to the DS1746 registers. The user can then load them with the correct day, date and
time data in 24 hour BCD format. Resetting the write bit to a zero then transfers those values to the actual
clock counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The OSC bit is the MSB (bit 7) of the seconds registers, see
Table 2. Setting it to a one stops the oscillator.
FREQUENCY TEST BIT
As shown in Table 2, bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to
logic “1” and the oscillator is running, the LSB of the seconds register will toggle at 512 Hz. When the
seconds register is being read, the DQ0 line will toggle at the 512 Hz frequency as long as conditions for
access remain valid (i.e., CE low, OE low, WE high, and address for seconds register remain valid and
stable).
CLOCK ACCURACY (DIP MODULE)
The DS1746 is guaranteed to keep time accuracy to within
±1 minute per month at 25°C. The RTC is
calibrated at the factory by Dallas Semiconductor using nonvolatile tuning elements, and does not require
additional calibration. For this reason, methods of field clock calibration are not available and not
necessary. Clock accuracy is also effected by the electrical environment and caution should be taken to
place the RTC in the lowest level EMI section of the PCB layout. For additional information please see
application note 58.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1746 and DS9034PCX are each individually tested for accuracy. Once mounted together, the
module will typically keep time accuracy to within
±1.53 minutes per month (35 ppm) at 25°C. Clock
accuracy is also effected by the electrical environment and caution should be taken to place the RTC in
the lowest level EMI section of the PCB layout. For additional information please see application note
58.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com