Electronic Components Datasheet Search
  English  ▼

X  

MCP111T-300I/TT Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP111T-300I/TT
Description  Micropower Voltage Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP111T-300I/TT Datasheet(HTML) 3 Page - Microchip Technology

  MCP111T-300I/TT Datasheet HTML 1Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 2Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 3Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 4Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 5Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 6Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 7Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 8Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
 2004-2016 Microchip Technology Inc.
DS20001889F-page 3
MCP111/112
Threshold Hysteresis
min. = 1%, max = 6%)
MCP1XX-195
VHYS
0.019
—
0.114
V
TA = +25°C
MCP1XX-240
0.023
—
0.139
V
MCP1XX-270
0.026
—
0.158
V
MCP1XX-290
0.029
—
0.174
V
MCP1XX-300
0.029
—
0.176
V
MCP1XX-315
0.031
—
0.185
V
MCP1XX-450
0.044
—
0.263
V
MCP1XX-475
0.046
—
0.278
V
VOUT Low-level Output Voltage
VOL
——
0.4
V
IOL = 500 µA, VDD = VTRIP(MIN)
VOUT High-level Output Voltage
VOH
VDD – 0.6
—
—
V
IOH = 1 mA, For only MCP112
(push-pull output)
Open-drain High Voltage on Output
VODH
—
—
13.5 (3)
V
MCP111 only,
VDD = 3.0V, Time voltage >
5.5V applied
 100s,
current into pin limited to
2 mA, +25°C operation
recommended
Note 3, Note 4
Open-drain Output Leakage Current
(MCP111 only)
IOD
—0.1
—
µA
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits are specified for VDD = 1V to 5.5V, RPU = 100 k (only MCP111),
TA = -40°C to +125°C.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Note
1:
Trip point is ±1.5% from typical value.
2:
Trip point is ±2.5% from typical value.
3:
This specification allows this device to be used in PIC® microcontroller applications that require the In-Circuit Serial
Programming™ (ICSP™) feature (see device-specific programming specifications for voltage requirements). This
specification DOES NOT allow a continuous high voltage to be present on the open-drain output pin (VOUT). The total
time that the VOUT pin can be above the maximum device operational voltage (5.5V) is 100 sec. Current into the VOUT
pin should be limited to 2 mA. It is recommended that the device operational temperature be maintained between 0°C
to 70°C (+25°C preferred). For additional information, please refer to Figure 2-28.
4:
This parameter is established by characterization and is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com