Electronic Components Datasheet Search
  English  ▼

X  

MCP111T-300I/TT Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP111T-300I/TT
Description  Micropower Voltage Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP111T-300I/TT Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP111T-300I/TT Datasheet HTML 15Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 16Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 17Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 18Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 19Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 20Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 21Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 22Page - Microchip Technology MCP111T-300I/TT Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
 2004-2016 Microchip Technology Inc.
DS20001889F-page 19
MCP111/112
Microchip Technology Drawing C04-060C Sheet 2 of 2
Number of Pins
Overall Height
Terminal Width
Overall Width
Terminal Length
Exposed Pad Width
Molded Package Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E1
A2
e
L
E
N
0.65 BSC
0.10
0.15
0.80
0.00
-
0.20
1.25 BSC
-
-
2.10 BSC
MILLIMETERS
MIN
NOM
3
0.46
0.40
1.10
0.10
MAX
c
-
0.20
0.26
Lead Thickness
3-Lead Plastic Small Outline Transistor (LB) [SC70]
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Overall Length
Exposed Pad Length
D
D2
2.50
2.00 BSC
2.60
2.70
0.80
-
1.00
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.15mm per side.
2. Dimensioning and tolerancing per ASME Y14.5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com