Electronic Components Datasheet Search
  English  ▼

X  

HFD6180-421 Datasheet(PDF) 2 Page - Finisar Corporation.

Part # HFD6180-421
Description  10 Gbps 850nm PIN Preamp LC ROSA Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFD6180-421 Datasheet(HTML) 2 Page - Finisar Corporation.

  HFD6180-421 Datasheet HTML 1Page - Finisar Corporation. HFD6180-421 Datasheet HTML 2Page - Finisar Corporation. HFD6180-421 Datasheet HTML 3Page - Finisar Corporation. HFD6180-421 Datasheet HTML 4Page - Finisar Corporation. HFD6180-421 Datasheet HTML 5Page - Finisar Corporation. HFD6180-421 Datasheet HTML 6Page - Finisar Corporation. HFD6180-421 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HFD6180-421
Product Specification – Oct 2014
F i n i s a r
Confidential and Proprietary © 2014 Finisar Corporation. All rights reserved
Rev. B00
Page 2
I. Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
-40 to +95°C
Case Operating Temperature
-20 to +95°C
Lead Solder Temperature
260°C, 10 sec.
Power Supply Voltage
-0.3V to 3.6V
PIN Voltage
10V
Incident Optical Power
0 dBm average,+4 dBm peak
ESD Exposure (Human Body Model)
225V
Notice
Stresses greater than those listed under “Absolute Maximum Ratings”
may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other
conditions above those indicated in the operations section for
extended periods of time may affect reliability.
Notice
The inherent design of this component causes it to be sensitive to
electrostatic discharge (ESD). To prevent ESD-induced damage
and/or degradation to equipment, take normal ESD precautions when
handling this product



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com