Electronic Components Datasheet Search
  English  ▼

X  

HFD6180-421 Datasheet(PDF) 3 Page - Finisar Corporation.

Part # HFD6180-421
Description  10 Gbps 850nm PIN Preamp LC ROSA Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

HFD6180-421 Datasheet(HTML) 3 Page - Finisar Corporation.

  HFD6180-421 Datasheet HTML 1Page - Finisar Corporation. HFD6180-421 Datasheet HTML 2Page - Finisar Corporation. HFD6180-421 Datasheet HTML 3Page - Finisar Corporation. HFD6180-421 Datasheet HTML 4Page - Finisar Corporation. HFD6180-421 Datasheet HTML 5Page - Finisar Corporation. HFD6180-421 Datasheet HTML 6Page - Finisar Corporation. HFD6180-421 Datasheet HTML 7Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HFD6180-421
Product Specification – Oct 2014
F i n i s a r
Confidential and Proprietary © 2014 Finisar Corporation. All rights reserved
Rev. B00
Page 3
II.
Electro-Optical Characteristics (Vcc =3.3V, AC coupled to 50W (100W differential), -
20
oC < TA <95oC unless otherwise specified)
Notes:
1.
The data rate can be increased to 12.5Gbps, but the sensitivity will be decreased by approximately 3dB
2.
PR is the average optical power at the fiber face.
3.
PR OMA is the peak to peak optical power at the fiber face (Optical Modulation Amplitude)
where ER is the extinction ratio (linear) of the optical source.
4.
Bandwidth and Low Frequency Cutoff are measured with a small signal sinusoidal light source with –
10dBm average power
5.
Sensitivity is measured with an optical source with an extinction ratio of 3dB.
6.
Stressed receiver sensitivity is measured with 3.5dB vertical eye closure (intersymbol interference) and
with 0.3UI of jitter added. The measurement technique is defined in IEEE 802.3ae.
7.
Rise/Fall times are corrected for optical source Rise/Fall times. The corrected value is calculated as
the square root of the difference of the squares of the measured differential detector output and the
source.
8.
Value shown is with external power supply filtering.
9.
For best sensitivity, a limiting amplifier may be required for operation.
10. The PD voltage must be connected to a positive 3.3V power supply (nominal).Maximum
Parameters
Test Condition
Symbol
Min.
Typ.
Max.
Units
Notes
Data Rate
DR
10.7
GBd
1
Input Optical Wavelength
0
oC to 70oC
λP
830
850
870
nm
Supply Voltage
2.97
3.3
3.63
V
Supply Current
PR =0µW, RL=50Ω AC
coupled
ICC
35
50
mA
PD Bias Voltage
VPD_Bias
3
3.3
3.6
V
10
Photodiode Responsivity
PR =-12dBm
Resp
0.45
0.5
0.6
A/W
10
Active Area (diameter)
40
µm
Optical Return Loss
PR =-12dBm
ORL
12
dB
Differential Output Voltage Swing
PR,OMA= -12Bm,
AC Coupled to RL=50Ω
Vo(pk-pk)
60
125
200
mV
2,3
Differential Responsivity
PR,OMA = -12dBm,
AC Coupled to RL=50Ω
T
1000
2000
3000
V/W
2,3
-3dB Optical/Electrical Bandwidth
PR,OMA =-12dBm
Temp = 25
oC
BW
7.5
9
12.3
GHz
3,4
Low Frequency –3dB Cutoff
PR,OMA =-12dBm
BWLF
90
KHz
2,3
Output Impedance
ZOUT
40
50
60
Ω
Sensitivity, OMA
S
-13.5
-12
dBm
5,9
Stressed Sensitivity
Per IEEE802.3ae
SStressed
-11.5
-9
dBm
6
Rise/Fall Time
PR,OMA =-12dBm, (20%-
80%)
TR/TF
30
50
ps
3,7
Group Delay
Measured from |S21|
Phase
GVD
-50
50
ps
Overload Power
POVLD
AVE
0
dBm
POVLD
OMA
2
Power Supply Rejection Ratio
PR =0µW (Dark), Freq =
1000MHz
PSRR
30
dB
2,8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com