Electronic Components Datasheet Search
  English  ▼

X  

PASMA11C Datasheet(PDF) 5 Page - Bruckewell Technology LTD

Part # PASMA11C
Description  400W surge capability at 1ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

PASMA11C Datasheet(HTML) 5 Page - Bruckewell Technology LTD

  PASMA11C Datasheet HTML 1Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 2Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 3Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 4Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 5Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 6Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P4SMA SERIIES
VBR : 6.8 - 440 Volts
PPK : 400 Watts
Publication Order Number: [P4SMA SERIES]
© Bruckewell Technology Corporation Rev. A -2
014
ELECTRICAL CHARACTERISTICS (Rating at 25ºC ambient temperature unless otherwise specified)
Type No.
Breakdown Voltage
@ It ( Note 1 )
Working
Peak
Reverse
Voltage
Maximum
Reverse
Leakage @
VRWM
Maximum
Reverse
Current
Maximum
Clamping
Voltage @
IRSM
Maximum
Temperature
Co-efficient
of VBR
VBR (V)
It
VRWM
IR
IRSM
VRSM
Min
Max
(mA)
(V)
(μA)
(A)
(V)
(% / °C)
PASMA400C
360
440
1.0
324
5.0
0.70
574
0.110
PASMA400CA
380
420
1.0
342
5.0
0.73
548
0.110
PASMA440C
396
484
1.0
356
5.0
0.95
631
0.110
PASMA440CA
418
462
1.0
376
5.0
1.00
602
0.110
Note:
(1) "P4SMA" will be omitted in marking on the diode.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com