Electronic Components Datasheet Search
  English  ▼

X  

PASMA11C Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # PASMA11C
Description  400W surge capability at 1ms
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

PASMA11C Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  PASMA11C Datasheet HTML 1Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 2Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 3Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 4Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 5Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 6Page - Bruckewell Technology LTD PASMA11C Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
P4SMA SERIIES
VBR : 6.8 - 440 Volts
PPK : 400 Watts
Publication Order Number: [P4SMA SERIES]
© Bruckewell Technology Corporation Rev. A -2
014
Features
• 400W surge capability at 1ms
• Excellent clamping capability
• Low zener impedance
• Fast response time : typically less then 1.0 ps from 0
volt to VBR(min.)
•
Typical IR less then 1μA above 10V
• RoHS compliant package
Applications
• For Bi-directional without
“C”
• Electrical characteristics apply in both directions
Mechanical Data
• Case : SMA Molded plastic
• Epoxy : UL94V-0 rate flame retardant
• Lead : Lead Formed for Surface Mount
• Polarity : Color band denotes cathode end
• Mounting position : Any
• Weight : 0.0.65 gram
Packing & Order Information
5,000/Reel
Graphic symbol
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 °C ambient temperature unless otherwise specified.
Symbol
Parameter
Value
Unit
PPK
Peak Power Dissipation at Ta = 25ºC, Tp=1ms (Note1)
Minimum 400
W
PD
Steady State Power Dissipation at TL = 75 °C
1.0
W
IFSM
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load
(JEDEC Method) (Note 3) IFSM 100 Amps.
40
A
TJ, TSTG
Operating and Storage Temperature Range
-55 to + 150
°C


Similar Part No. - PASMA11C

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
PAS APEX-ELECTRONICS-PAS Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
logo
Mini-Circuits
PAS-1 MINI-PAS-1 Datasheet
99Kb / 1P
Electronic Attenuators/Switches
PAS-1 MINI-PAS-1 Datasheet
77Kb / 2P
ATTENUATORS/SWITCHES
logo
Apex Electronics Co., L...
PAS-1012-A3 APEX-ELECTRONICS-PAS-1012-A3 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
PAS-1012-B2 APEX-ELECTRONICS-PAS-1012-B2 Datasheet
1Mb / 8P
Pushbutton switch, multiple options of caps, 1 amp
More results

Similar Description - PASMA11C

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
1SMC_5.0_188A BWTECH-1SMC_5.0_188A Datasheet
503Kb / 5P
1500W surge capability at 1ms
P4KE_C BWTECH-P4KE_C Datasheet
563Kb / 7P
400W surge capability at 1ms
P4SMA BWTECH-P4SMA Datasheet
592Kb / 7P
400W surge capability at 1ms
P6SMB_A BWTECH-P6SMB_A Datasheet
529Kb / 5P
600W surge capability at 1ms
P6SMB_CA BWTECH-P6SMB_CA Datasheet
528Kb / 5P
600W surge capability at 1ms
SMA6F6.8A-56A BWTECH-SMA6F6.8A-56A Datasheet
1Mb / 4P
600W surge capability at 1ms
logo
GeneSiC Semiconductor, ...
1N1190R GENESIC-1N1190R Datasheet
705Kb / 3P
High Surge Capability
1N1206AR GENESIC-1N1206AR Datasheet
741Kb / 3P
High Surge Capability
1N3294AR GENESIC-1N3294AR Datasheet
485Kb / 3P
High Surge Capability
logo
Kersemi Electronic Co.,...
MUR3005WT KERSEMI-MUR3005WT Datasheet
1Mb / 3P
High Surge Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com