Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4685 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MMSZ4685
Description  SILICON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MMSZ4685 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MMSZ4685 Datasheet HTML 1Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 2Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 3Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 4Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMSZ4685-MMSZ4717
SILICON PLANAR ZENER DIODES
Publication Order Number: [MMSZ4685-MMSZ4717]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Type
Zener VoltageVZ (V) at IZT=50mA
Max Reverse
LeakageCurrent
Test Voltage
Marking Code
Nom
Min
Max
IR
VR
V
V
V
μA
V
MMSZ4685
3.6
3.42
3.78
7.5
2.0
CM
MMSZ4686
3.9
3.71
4.10
5.0
2.0
CN
MMSZ4687
4.3
4.09
4.52
4.0
2.0
CP
MMSZ4688
4.7
4.47
4.94
10
3.0
CT
MMSZ4689
5.1
4.85
5.36
10
3.0
CU
MMSZ4690
5.6
5.32
5.88
10
4.0
CV
MMSZ4691
6.2
5.89
6.51
10
5.0
CA
MMSZ4692
6.8
6.46
7.14
10
5.1
CX
MMSZ4693
7.5
7.13
7.88
10
5.7
CY
MMSZ4694
8.2
7.79
8.61
1.0
6.2
CZ
MMSZ4695
8.7
8.27
9.14
1.0
6.6
D
MMSZ4696
9.1
8.65
9.56
1.0
6.9
D
MMSZ4697
10
9.50
10.50
1.0
7.6
DE
MMSZ4698
11
10.50
11.60
0.05
8.4
DF
MMSZ4699
12
11.40
12.60
0.05
9.1
DH
MMSZ4700
13
12.40
13.70
0.05
9.8
DJ
MMSZ4701
14
13.30
14.70
0.05
10.6
DK
MMSZ4702
15
14.30
15.80
0.05
11.4
DM
MMSZ4703
16
15.20
16.80
0.05
12.1
DN
MMSZ4704
17
16.20
17.90
0.05
12.9
DP
MMSZ4705
18
17.10
18.90
0.05
13.6
DT
MMSZ4706
19
18.11
20.00
0.05
14.4
DU
MMSZ4707
20
19.00
21.00
0.01
15.2
DV
MMSZ4708
22
20.90
23.10
0.01
16.7
DA
MMSZ4709
24
22.80
25.20
0.01
18.2
DZ
MMSZ4710
25
23.80
26.30
0.01
19.0
DY
MMSZ4711
27
25.70
28.40
0.01
20.4
EA
MMSZ4712
28
26.60
29.40
0.01
21.2
EC
MMSZ4713
30
28.50
31.50
0.01
22.8
ED
MMSZ4714
33
31.40
34.70
0.01
25.0
EE
MMSZ4715
36
34.20
37.80
0.01
27.3
EF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com