Electronic Components Datasheet Search
  English  ▼

X  

MMSZ4685 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MMSZ4685
Description  SILICON PLANAR ZENER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MMSZ4685 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MMSZ4685 Datasheet HTML 1Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 2Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 3Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 4Page - Bruckewell Technology LTD MMSZ4685 Datasheet HTML 5Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MMSZ4685-MMSZ4717
SILICON PLANAR ZENER DIODES
Publication Order Number: [MMSZ4685-MMSZ4717]
© Bruckewell Technology Corporation Rev. A -2014
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
Type
Zener VoltageVZ (V) at IZT=50mA
Max Reverse
LeakageCurrent
Test Voltage
Marking Code
Nom
Min
Max
IR
VR
V
V
V
μA
V
MMSZ4716
39
37.10
41.00
0.01
29.6
EH
MMSZ4717
43
40.90
45.20
0.01
32.6
EJ
Notes :
(1) Vz is tested with pulses (20 ms).
(2) Zz is measured at Iz by given a very small A.C. current signal.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com