Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS2124 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS2124
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS2124 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS570LS2124 Datasheet HTML 17Page - Texas Instruments TMS570LS2124 Datasheet HTML 18Page - Texas Instruments TMS570LS2124 Datasheet HTML 19Page - Texas Instruments TMS570LS2124 Datasheet HTML 20Page - Texas Instruments TMS570LS2124 Datasheet HTML 21Page - Texas Instruments TMS570LS2124 Datasheet HTML 22Page - Texas Instruments TMS570LS2124 Datasheet HTML 23Page - Texas Instruments TMS570LS2124 Datasheet HTML 24Page - Texas Instruments TMS570LS2124 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 167 page
background image
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
4.2.2
ZWT Package
4.2.2.1
Multibuffered Analog-to-Digital Converters (MibADCs)
Table 4-17. ZWT Multibuffered Analog-to-Digital Converters (MibADC1, MibADC2)
TERMINAL
RESET
SIGNAL
PULL
PULL TYPE
DESCRIPTION
337
TYPE
SIGNAL NAME
STATE
ZWT
ADREFHI(1)
V15
Input
ADC high reference supply
ADREFLO(1)
V16
Input
N/A
None
ADC low reference supply
VCCAD(1)
W15
Power
Operating supply for ADC
VSSAD
V19
VSSAD
W16
Ground
N/A
None
ADC supply power
VSSAD
W18
VSSAD
W19
Programmable,
ADC1 event trigger input, or
AD1EVT
N19
I/O
Pulldown
20 µA
GPIO
Programmable,
ADC2 event trigger input, or
MIBSPI3NCS[0]/AD2EVT/GIOB[2]/N2HET2_PIN_nDIS
V10
I/O
Pullup
20 µA
GPIO
AD1IN[0]
W14
AD1IN[1]
V17
AD1IN[2]
V18
AD1IN[3]
T17
Input
N/A
None
ADC1 analog input
AD1IN[4]
U18
AD1IN[5]
R17
AD1IN[6]
T19
AD1IN[7]
V14
AD1IN[8] / AD2IN[8]
P18
AD1IN[9] / AD2IN[9]
W17
AD1IN[10] / AD2IN[10]
U17
AD1IN[11] / AD2IN[11]
U19
AD1IN[12] / AD2IN[12]
T16
AD1IN[13] / AD2IN[13]
T18
AD1IN[14] / AD2IN[14]
R18
AD1IN[15] / AD2IN[15]
P19
ADC1/ADC2 shared analog
Input
N/A
None
inputs
AD1IN[16] / AD2IN[0]
V13
AD1IN[17] / AD2IN[1]
U13
AD1IN[18] / AD2IN[2]
U14
AD1IN[19] / AD2IN[3]
U16
AD1IN[20] / AD2IN[4]
U15
AD1IN[21] / AD2IN[5]
T15
AD1IN[22] / AD2IN[6]
R19
AD1IN[23] / AD2IN[7]
R16
(1)
The ADREFHI, ADREFLO, VCCAD, and VSSAD connections are common for both ADC cores.
Copyright © 2012–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com