Electronic Components Datasheet Search
  English  ▼

X  

TMS570LS2124 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TMS570LS2124
Description  TMS570LS31x4/21x4 16- and 32-Bit RISC Flash Microcontroller
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS2124 Datasheet(HTML) 47 Page - Texas Instruments

Back Button TMS570LS2124 Datasheet HTML 43Page - Texas Instruments TMS570LS2124 Datasheet HTML 44Page - Texas Instruments TMS570LS2124 Datasheet HTML 45Page - Texas Instruments TMS570LS2124 Datasheet HTML 46Page - Texas Instruments TMS570LS2124 Datasheet HTML 47Page - Texas Instruments TMS570LS2124 Datasheet HTML 48Page - Texas Instruments TMS570LS2124 Datasheet HTML 49Page - Texas Instruments TMS570LS2124 Datasheet HTML 50Page - Texas Instruments TMS570LS2124 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 167 page
background image
tf
tr
VCCIO
VOH
VOH
VOL
VOL
0
Output
TMS570LS3134, TMS570LS2134, TMS570LS2124
www.ti.com
SPNS165B – APRIL 2012 – REVISED MAY 2015
Table 5-7. Switching Characteristics for Output Timings Versus Load Capacitance (CL) (continued)
PARAMETER
MIN
MAX
UNIT
CL = 15 pF
2.5
CL = 50 pF
4
Rise time, tr
CL = 100 pF
7.2
CL = 150 pF
12.5
8 mA mode
ns
CL = 15 pF
2.5
CL = 50 pF
4
Fall time, tf
CL = 100 pF
7.2
CL = 150 pF
12.5
Selectable 8 mA/2 mA-z pins
(see Table 5-4)
CL = 15 pF
8
CL = 50 pF
15
Rise time, tr
CL = 100 pF
23
CL = 150 pF
33
2 mA-z mode
ns
CL = 15 pF
8
CL = 50 pF
15
Fall time, tf
CL = 100 pF
23
CL = 150 pF
33
Figure 5-3. CMOS-Level Outputs
Table 5-8. Timing Requirements for Outputs(1)
MIN
MAX
UNIT
Delay between low-to-high, or high-to-low transition of general-purpose output
td(parallel_out)
signals that can be configured by an application in parallel, for example, all signals in
5
ns
a GIOA port, or all N2HET1 signals, and so forth.
(1)
This specification does not account for any output buffer drive strength differences or any external capacitive loading differences. Check
Table 5-4 for output buffer drive strength information on each signal.
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
47
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com