Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 4 Page - Formosa MS

Part # 2N7002
Description  N-Channel SMD MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2N7002 Datasheet(HTML) 4 Page - Formosa MS

  2N7002 Datasheet HTML 1Page - Formosa MS 2N7002 Datasheet HTML 2Page - Formosa MS 2N7002 Datasheet HTML 3Page - Formosa MS 2N7002 Datasheet HTML 4Page - Formosa MS 2N7002 Datasheet HTML 5Page - Formosa MS 2N7002 Datasheet HTML 6Page - Formosa MS 2N7002 Datasheet HTML 7Page - Formosa MS 2N7002 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Rating and characteristic curves (2N7002)
Document ID
Issued Date
Revised Date
Revision
Page.
TA 25°C
=
VGS=10V
9V
8V
7V
6V
5V
4V
3V
0
1.0
2.0 3.0 4.0
5.0
6.0 7.0 8.0 9.0
10
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
VDS=10V
-55 C
°
25 C
°
125 C
°
0
2.0
4.0
6.0
8.0
10
1.0
VGS=10V
ID=200mA
VDS=VGS
ID=1.0mA
V
, DRAIN SOURCE VOLTAGE (V)
DS
0.8
0.6
0.4
0.2
V
, GATE SOURCE VOLTAGE (V)
GS
Figure 1. Ohmic Region
Figure 2. Transfer Characteristics
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-60
-20
+20
+60
+100
+140
T
TEMPERATURE( C)
,
°
Figure 3. Temperature versus Static
Drain-Source On-Resistance
Figure 4. Temperature versus Gate
Threshold Voltage
T
TEMPERATURE( C)
,
°
0.
1.2
1.15
1.1
1.05
1.0
0.95
0.9
0.85
0.8
0.75
0.7
0.7
-60
-20
+20
+60
+100
+140
DS-251104
2008/02/10
2015/06/09
H
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com