Electronic Components Datasheet Search
  English  ▼

X  

2N7002 Datasheet(PDF) 3 Page - Formosa MS

Part # 2N7002
Description  N-Channel SMD MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

2N7002 Datasheet(HTML) 3 Page - Formosa MS

  2N7002 Datasheet HTML 1Page - Formosa MS 2N7002 Datasheet HTML 2Page - Formosa MS 2N7002 Datasheet HTML 3Page - Formosa MS 2N7002 Datasheet HTML 4Page - Formosa MS 2N7002 Datasheet HTML 5Page - Formosa MS 2N7002 Datasheet HTML 6Page - Formosa MS 2N7002 Datasheet HTML 7Page - Formosa MS 2N7002 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
PARAMETER
Gate–body leakage current, forward
Gate threshold voltage
Static drain-source on-resistance
Drain-source on-voltage
Forward transconductance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Turn-off delay time
Source current continuous
Diode forward on-voltage
V
= 0V, I = 10uA
GS
D
V= 20V
GS
V
= V , I = 250uA
DS
GS
D
V
= 10V, I = 0.5A
GS
D
V
= 10V, I = 0.5A
GS
D
V
= 25V, V
= 0V, f = 1.0MHz
DS
GS
CONDITIONS
Symbol
V
(BR)DSS
I
GSSF
V
GS(th)
I
DSS
V
DS(on)
g
FS
C
iss
C
oss
C
rss
t
d(on)
t
d(off)
V
SD
I
S
I
SM
MIN.
60
80
TYP.
MAX.
1
2.0
500
7.5
3.75
50
20
40
-1.5
-115
-800
UNIT
V
uA
V
Ω
V
mmhos
pF
ns
mA
Electrical characteristics (AT T =25 C unless otherwise noted)
A
o
Drain–source breakdown voltage
V
= 25V, I = 500mA,
V
= 10V, R = 25 , R = 50
DD
D
gen
G
ΩΩ
L
V
> 2.0V
, I = 200mA
DS
DS(on)
D
V
OUT
R
G
V
IN
V
DD
R
L
1mA
R
G
V
GS
V
DD
R
L
Switching
Test Circuit
Gate Charge
Test Circuit
2N7002
Zero gate voltage drain current
V
= 60V, V
= 0V
DS
GS
V
= 60V, V
= 0V, T = 125 C
DS
GS
J
O
0.5
1.0
uA
mA
Gate–body leakage current, reverse
V
= -20V
GS
I
GSSR
-1
uA
On-state drain current
V
> 20V
, V
= 10V
DS
DS(on)
GS
I
D(on)
mA
V
= 10V, I = 0.5A, T = 125 C
GS
D
J
O
V
= 5.0V, I = 50mA
GS
D
V
= 5.0V, I = 50mA, T = 125 C
GS
D
J
O
V
= 5.0V, I = 50mA
GS
D
0.375
13.5
7.5
13.5
R
DS(on)
Source current pulsed
I = 115mA, V
= 0V
SGS
Body diode
V
mA
25
5.0
Note 1: Pules test : Pules width < 300us, duty cycle < 2%
DUT
D
G
S
V
GS
D
G
S
Document ID
Issued Date
Revised Date
Revision
Page.
1.0
N-Channel SMD MOSFET
Input capacitance
1.6
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Off characteristics
On
(Note 1)
characteristics
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Dynamic characteristics
PARAMETER
CONDITIONS
Symbol
MIN.
TYP.
MAX.
UNIT
Switching
(Note 1)
characteristics
Body–drain diode ratings
1.4
-
1.8
-
17
10
2.5
7
11
DS-251104
2008/02/10
2015/06/09
H
8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com