Electronic Components Datasheet Search
  English  ▼

X  

TP3067 Datasheet(PDF) 12 Page - Texas Instruments

Part # TP3067
Description  Enhanced Serial Interface CMOS CODEC/Filter COMBO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3067 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TP3067 Datasheet HTML 8Page - Texas Instruments TP3067 Datasheet HTML 9Page - Texas Instruments TP3067 Datasheet HTML 10Page - Texas Instruments TP3067 Datasheet HTML 11Page - Texas Instruments TP3067 Datasheet HTML 12Page - Texas Instruments TP3067 Datasheet HTML 13Page - Texas Instruments TP3067 Datasheet HTML 14Page - Texas Instruments TP3067 Datasheet HTML 15Page - Texas Instruments TP3067 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Transmission Characteristics (Continued)
Unless otherwise noted limits printed in BOLD characters are guaranteed for VCC ea50V g5% VBB eb50V g5% TA e
0 Cto70 C by correlation with 100% electrical testing at TA e 25 C All other limits are assured by correlation with other
production tests andor product design and characterization GNDA e 0V f e 102 kHz VIN e 0 dbm0 transmit input amplifier
connected for unity gain non-inverting Typicals specified at VCC ea50V VBB eb50V TA e 25 C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ENVELOPE DELAY DISTORTION WITH FREQUENCY
DXA
Transmit Delay Absolute
fe1600 Hz
290
315
m
s
DXR
Transmit Delay Relative to DXA
fe500 Hzb600 Hz
195
220
m
s
fe600 Hzb800 Hz
120
145
m
s
fe800 Hzb1000 Hz
50
75
m
s
fe1000 Hzb1600 Hz
20
40
m
s
fe1600 Hzb2600 Hz
55
75
m
s
fe2600 Hzb2800 Hz
80
105
m
s
fe2800 Hzb3000 Hz
130
155
m
s
DRA
Receive Delay Absolute
fe1600 Hz
180
200
m
s
DRR
Receive Delay Relative to DRA
fe500 Hzb1000 Hz
b
40
b
25
m
s
fe1000 Hzb1600 Hz
b
30
b
20
m
s
fe1600 Hzb2600 Hz
70
90
m
s
fe2600 Hzb2800 Hz
100
125
m
s
fe2800 Hzb3000 Hz
145
175
m
s
NOISE
NXC
Transmit Noise C Message
TP3064 (Note 1)
12
15
dBrnC0
Weighted
NXP
Transmit Noise Psophometric
TP3067 (Note 1)
b
74
b
67
dBm0p
Weighted
NRC
Receive Noise C Message
PCM Code Equals Alternating
Weighted
Positive and Negative Zero
TP3064
8
11
dBrnCO
NRP
Receive Noise Psophometric
PCM Code Equals Positive
Weighted
Zero
TP3067
b
82
b
79
dBm0p
NRS
Noise Single Frequency
fe0 kHz to 100 kHz Loop Around
b
53
dBm0
Measurement VFXIa e0 Vrms
PPSRX
Positive Power Supply Rejection
VCCe50 VDCa100 mVrms
Transmit
fe0 kHzb50 kHz (Note 2)
40
dBC
NPSRX
Negative Power Supply Rejection
VBBeb50 VDCa 100 mVrms
Transmit
fe0 kHzb50 kHz (Note 2)
40
dBC
PPSRR
Positive Power Supply Rejection
PCM Code Equals Positive Zero
Receive
VCCe50 VDCa100 mVrms
Measure VFRO
fe0Hzb4000 Hz
38
dBC
fe4 kHzb50 kHz
25
dB
NPSRR
Negative Power Supply Rejection
PCM Code Equals Positive Zero
Receive
VBBeb50 VDCa100 mVrms
Measure VFRO
fe0Hzb4000 Hz
40
dBC
fe4 kHzb25 kHz
40
dB
fe25 kHzb50 kHz
36
dB
SOS
Spurious Out-of-Band Signals
0 dBm0 300 Hzb3400 Hz Input
at the Channel Output
PCM Code Applied at DR
Measure Individual Image Signals at
VFRO
4600 Hz – 7600 Hz
b
32
dB
7600 Hz – 8400 Hz
b
40
dB
8400 Hz – 100000 Hz
b
32
dB
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com