Electronic Components Datasheet Search
  English  ▼

X  

TP3067 Datasheet(PDF) 14 Page - Texas Instruments

Part # TP3067
Description  Enhanced Serial Interface CMOS CODEC/Filter COMBO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3067 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TP3067 Datasheet HTML 10Page - Texas Instruments TP3067 Datasheet HTML 11Page - Texas Instruments TP3067 Datasheet HTML 12Page - Texas Instruments TP3067 Datasheet HTML 13Page - Texas Instruments TP3067 Datasheet HTML 14Page - Texas Instruments TP3067 Datasheet HTML 15Page - Texas Instruments TP3067 Datasheet HTML 16Page - Texas Instruments TP3067 Datasheet HTML 17Page - Texas Instruments TP3067 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Applications Information
POWER SUPPLIES
While the pins of the TP3060 family are well protected
against electrical misuse it is recommended that the stan-
dard CMOS practice be followed ensuring that ground is
connected to the device before any other connections are
made In applications where the printed circuit board may be
plugged into a ‘‘hot’’ socket with power and clocks already
present an extra long ground pin in the connector should
be used
All ground connections to each device should meet at a
common point as close as possible to the GNDA pin This
minimizes the interaction of ground return currents flowing
through a common bus impedance 01 mF supply decou-
pling capacitors should be connected from this common
ground point to VCC and VBB as close to the device as
possible
For best performance the ground point of each CODEC
FILTER on a card should be connected to a common card
ground in ‘‘STAR’’ formation rather than via a ground bus
This common ground point should be decoupled to VCC and
VBB with 10 mF capacitors
Note
See Application Note 370 for further details
Typical Asynchronous Application
TLH5070 – 5
Note 1
Transmit gain e 20 c log
R1aR2
R2
J (R1 a R2) t 10 kX
Note 2
Receive gain e 20 c log
2cR3
R4
J R4 t 10 kX
FIGURE 4
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com