Electronic Components Datasheet Search
  English  ▼

X  

FMSBSS123 Datasheet(PDF) 4 Page - Formosa MS

Part # FMSBSS123
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMSBSS123 Datasheet(HTML) 4 Page - Formosa MS

  FMSBSS123 Datasheet HTML 1Page - Formosa MS FMSBSS123 Datasheet HTML 2Page - Formosa MS FMSBSS123 Datasheet HTML 3Page - Formosa MS FMSBSS123 Datasheet HTML 4Page - Formosa MS FMSBSS123 Datasheet HTML 5Page - Formosa MS FMSBSS123 Datasheet HTML 6Page - Formosa MS FMSBSS123 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FIG.1 OHMIC REGION
FIG.2 TRANSFER CHARACTERISTICS
FIG.3 TEMPERATURE VS DRAIN-SOURCE
ON-RESISTANCE
FIG.4 TEMPERATURE VS GATE THRESHOLE VOLTAGE
Rating and characteristic curves (FMSBSS123)
Document ID
Issued Date
Revised Date
Revision
Page.
V , DRAIN TO SOURCE VOLTAGE, (V)
DS
0
4.0
8.0
10
2.0
1.2
0.4
0.8
0
O
T = 25 C
A
V =10V
GS
1.6
2.0
6.0
9V
8V
7V
6V
5V
4V
3V
V , GATE TO SOURCE VOLTAGE(V)
GS
0
2.0
4.0
10
1.0
0.8
0.6
0.2
0.4
8.0
V
= 10V
DS
O
-55 C
O
125 C
O
25 C
O
T, TEMPERATURE ( C)
-60
-20
+20
2.4
2.0
1.2
1.6
0.4
I =200mA
D
V =10V
GS
+140
+100
0.8
+60
O
T, TEMPERATURE ( C)
-60
-20
+20
1.2
1.1
0.9
1.0
0.7
I =1.0mA
D
V = V
DS
GS
+140
+100
0.8
+60
DS-231146
2009/08/10
2011/07/21
C
7
6.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com