Electronic Components Datasheet Search
  English  ▼

X  

FMSBSS123 Datasheet(PDF) 2 Page - Formosa MS

Part # FMSBSS123
Description  N-Channel Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMSBSS123 Datasheet(HTML) 2 Page - Formosa MS

  FMSBSS123 Datasheet HTML 1Page - Formosa MS FMSBSS123 Datasheet HTML 2Page - Formosa MS FMSBSS123 Datasheet HTML 3Page - Formosa MS FMSBSS123 Datasheet HTML 4Page - Formosa MS FMSBSS123 Datasheet HTML 5Page - Formosa MS FMSBSS123 Datasheet HTML 6Page - Formosa MS FMSBSS123 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Package outline
Page 2
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
PARAMETER
Drain-source voltage
Drain current-Continuous *1
Total Device Dissipation FR-5
Board *3
TA=25°C
Derate above 25°C
Gate- source voltage-Continuous
Non- repetitive ( tp≤50us)
Operation junction temperature
Symbol
V
DSS
P
D
T
J
R
θJA
MIN.
-55
TYP.
MAX.
100
+150
556
UNIT
Vdc
o
C
o
C/W
o
M
aximum ratings (AT T =25 C unless otherwise noted)
A
V
GS
V
GSM
I
D
225
1.8
±20
±40
170
Vdc
Vpk
mAdc
mW
mW/°C
Typical Thermal resistance junction to ambient
-pulsed*2
I
DM
680
Storage temperature
T
STG
-55
+150
o
C
100V N-Channel Enhancement
Mode Power MOSFET
Mechanical data
•
• Case :
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Mounting Position : Any
• Weight : Approximated 0.008 gram
Epoxy:UL94-V0 rated flame retardant
Molded plastic, SOT-23
FMSBSS123
Features
ow on-resistance R
= 6.0Ω
DS(ON)
ow input capacitance : 20pF
Fast switching speed : 20ns
ow output capacitance : 9pF
ow threshole : 2.8V
In compliance with EU RoHS 2002/95/EC directives
• L
• L
•
• L
• L
•
• Suffix "-H" indicates Halogen-free part, ex.FMSBSS123-H
Document ID
Issued Date
Revised Date
Revision
Page.
SOT-23
Dimensions in inches and (millimeters)
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
DS-231146
2009/08/10
2011/07/21
C
7
*1: The Power Dissipation of the package may result in a lower continuous drain current.
*2: Pulse Width
300us, Duty Cycle
2. 0%
*3: FR- 5= 1. 0x0. 75x0. 062 in.
≤
≤
N-Channel Power MOSFET



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com