Electronic Components Datasheet Search
  English  ▼

X  

FMSBSS138 Datasheet(PDF) 2 Page - Formosa MS

Part # FMSBSS138
Description  N-Channel SMD MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMSBSS138 Datasheet(HTML) 2 Page - Formosa MS

  FMSBSS138 Datasheet HTML 1Page - Formosa MS FMSBSS138 Datasheet HTML 2Page - Formosa MS FMSBSS138 Datasheet HTML 3Page - Formosa MS FMSBSS138 Datasheet HTML 4Page - Formosa MS FMSBSS138 Datasheet HTML 5Page - Formosa MS FMSBSS138 Datasheet HTML 6Page - Formosa MS FMSBSS138 Datasheet HTML 7Page - Formosa MS FMSBSS138 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Package outline
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Mechanical data
Epoxy:UL94-V0 rated flame retardant
• Case : Molded plastic, SOT-23
• Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
• Mounting Position : Any
• Weight : Approximated 0.008 gram
•
50V N-Channel Small Signal
MOSFET
Document ID
Issued Date
Revised Date
Revision
Page.
FMSBSS138
SOT-23
Dimensions in inches and (millimeters)
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
DS-231147
2009/08/10
2011/07/21
C
8
N-Channel SMD MOSFET
o
M
aximum ratings (AT T =25 C unless otherwise noted)
A
PARAMETER
Drain-source voltage
Gate-source voltage
Continuous drain current
Maximum power dissipation
Pulsed drain current
Operating junction and storage temperature range
TA=25°C
CONDITIONS
SYMBOL
VDSS
VGS
PD
TJ, TSTG
RθJA
MIN.
-55
TYP.
MAX.
50
±20
+150
556
UNIT
V
V
oC
oC/W
IDM
ID
225
800
200
mA
mA
mW
Thermal resistance
TA=25°C
Junction to ambient
tP 10μs
≦
Features
•
• Suffix "-H" for Halogen-free part, ex. FMSBSS138-H.
•
Ω max.
•
.
•
.
•
max.
max.
Low on-resistance : 3.5
Low input capacitance: 40pF typ
Low output capacitance : 12pF typ
Low threshole :1.5V
Fast switching speed : 20ns
• Lead-free parts meet RoHS requirments.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com