Electronic Components Datasheet Search
  English  ▼

X  

FMSBSS138 Datasheet(PDF) 3 Page - Formosa MS

Part # FMSBSS138
Description  N-Channel SMD MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMSBSS138 Datasheet(HTML) 3 Page - Formosa MS

  FMSBSS138 Datasheet HTML 1Page - Formosa MS FMSBSS138 Datasheet HTML 2Page - Formosa MS FMSBSS138 Datasheet HTML 3Page - Formosa MS FMSBSS138 Datasheet HTML 4Page - Formosa MS FMSBSS138 Datasheet HTML 5Page - Formosa MS FMSBSS138 Datasheet HTML 6Page - Formosa MS FMSBSS138 Datasheet HTML 7Page - Formosa MS FMSBSS138 Datasheet HTML 8Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Formosa MS
Document ID
Issued Date
Revised Date
Revision
Page.
FMSBSS138
DS-231147
2009/08/10
2011/07/21
C
8
N-Channel SMD MOSFET
o
Electrical characteristics (AT T =25 C unless otherwise noted)
A
PARAMETER
STATIC(1)
Gate-source threshold voltage
Drain-source on-state resistance
Zero gate voltage drai n current
Gate-source leakage current
Forward transconductance
Turn-on delay time
Turn-off delay time
Input capacitance
Output capacitance
Reverse transfer capacitance
VGS = 0V, ID = 250µA
VDS = VGS , ID = 1.0mA
VGS = 2.75V, ID < 200mA,TA=-40 °C to + 85 °C
VGS = 5.0V, ID = 200mA
VDS = 25V, VGS = 0V
VGS = ±20V,
0V
VDS =
CONDITIONS
SYMBOL
V(BR)DSS
VGS(th)
RDS(on)
IDSS
IGSS
gfs
td(on)
Ciss
Coss
Crss
MIN.
50
0.5
100
TYP.
MAX.
1.5
10
3.5
0.1
±0.1
20
20
50
25
5.0
UNIT
V
V
µA
µA
mmhos
ns
pF
DYNAMIC
Drain-source breakdown voltage
VDD = 30V, ID = 200mA
VDS = 25V,
f = 1.0 MHz
VGS = 0V
VDS=25V, ID=200mA, f=1.0KHZ
5.6
VDS = 50V, VGS = 0V
0.5
VDD = 30V, ID = 200mA
Notes 1: Pulse Test : PW 300µs,duty cycle 2%
2 Switching time is essentially independent of operating temperature.
≦
≦
:
40
12
3.5
Ω
SWITCHING(2)
td(off)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com