Electronic Components Datasheet Search
  English  ▼

X  

DS7837 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7837
Description  Hex Unified Bus Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7837 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS7837 Datasheet HTML 1Page - National Semiconductor (TI) DS7837 Datasheet HTML 2Page - National Semiconductor (TI) DS7837 Datasheet HTML 3Page - National Semiconductor (TI) DS7837 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Switching Characteristics TA e 25 C nominal power supplies unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delays
VIND e 0V
Input to Logical ‘‘1’’ Output (Note 5)
20
30
ns
Receiver
Input to Logical ‘‘0’’ Output (Note 6)
18
30
ns
Input e 0V
Input to Logical ‘‘1’’ Output
9
15
ns
Disable (Note 7)
Input to Logical ‘‘0’’ Output
4
10
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Unless otherwise specified minmax limits apply across the b55 Cto a125 C temperature range for the DS7837 and across the 0 Cto a70 C range for
the DS8837 All typical values are for TA e 25 C and VCC e 5V
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
Note 4
Only one output at a time should be shorted
Note 5
Fan-out of 10 load CLOAD e 15 pF total Measured from VIN e 13V to VOUT e 15V VIN e 0V to 3V pulse
Note 6
Fan-out of 10 load CLOAD e 15 pF total Measured from VIN e 23V to VOUT e 15V VIN e 0V to 3V pulse
Note 7
Fan-out of 10 load CLOAD e 15 pF total Measured from VIN e 15V to VOUT e 15V VIN e 0V to 3V pulse
Physical Dimensions inches (millimeters)
Ceramic Dual-In-Line Package (J)
Order Number DS7837J
NS Package Number J16A
http
www nationalcom
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com