Electronic Components Datasheet Search
  English  ▼

X  

DS7837 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS7837
Description  Hex Unified Bus Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS7837 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS7837 Datasheet HTML 1Page - National Semiconductor (TI) DS7837 Datasheet HTML 2Page - National Semiconductor (TI) DS7837 Datasheet HTML 3Page - National Semiconductor (TI) DS7837 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5811
February 1996
DS7837DS8837 Hex Unified Bus Receiver
General Description
The DS7837DS8837 are high speed receivers designed for
use in bus organized data transmission systems intercon-
nected by terminated 120X impedance lines The external
termination is intended to be 180X resistor from the bus to
the a5V logic supply together with a 390X resistor from the
bus to ground The receiver design employs a built-in input
hysteresis providing substantial noise immunity Low input
current allows up to 27 driverreceiver pairs to utilize a com-
mon bus Disable inputs provide time discrimination Disable
inputs and receiver outputs are TTL compatible Perform-
ance is optimized for systems with bus rise and fall times
s
10 msV
Features
Y
Low receiver input current for normal VCC or VCC e 0V
(15 mA typ)
Y
Six separate receivers per package
Y
Built-in receiver input hysteresis (1V typ)
Y
High receiver noise immunity (2V typ)
Y
Temperature insensitive receiver input thresholds track
bus logic levels
Y
TTL compatible disable and output
Y
Molded or cavity dual-in-line or flat package
Y
High speed
Typical Application
TLF5811 – 1
Connection Diagram
Dual-In-Line Package
TLF5811 – 2
Top View
Order Number DS7837J DS8837M or DS8837N
See NS Package Number J16A M16A or N16A
C1996 National Semiconductor Corporation
RRD-B30M36Printed in U S A
http
www nationalcom


Similar Part No. - DS7837

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS7830 NSC-DS7830 Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7830J NSC-DS7830J Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7830J/883 NSC-DS7830J/883 Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7830W/883 NSC-DS7830W/883 Datasheet
181Kb / 7P
Dual Differential Line Driver
DS7831 NSC-DS7831 Datasheet
232Kb / 11P
Dual TRI-STATE Line Driver
More results

Similar Description - DS7837

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8641 NSC-DS8641 Datasheet
78Kb / 5P
Quad Unified Bus Transceiver
DS8838 NSC-DS8838 Datasheet
82Kb / 5P
Quad Unified Bus Transceiver
DS7640 NSC-DS7640 Datasheet
103Kb / 4P
Quad NOR Unified Bus Receiver
logo
Toshiba Semiconductor
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
HEX BUS BUFFER
17-May-2001
logo
National Semiconductor ...
DM8131 NSC-DM8131 Datasheet
152Kb / 3P
6-Bit Unified Bus Comparator
logo
Motorola, Inc
MC3437 MOTOROLA-MC3437 Datasheet
145Kb / 3P
HEX BUS RECEIVER WITH INPUT HYSTERESIS
logo
National Semiconductor ...
DS7836 NSC-DS7836 Datasheet
108Kb / 4P
Quad NOR Unified Bus Receiver
logo
Toshiba Semiconductor
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
HEX Bus Buffer
19-Oct-2007
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
HEX BUS BUFFER
1997-01-30
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com