Electronic Components Datasheet Search
  English  ▼

X  

A119 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A119
Description  Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A119 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A119 Datasheet HTML 9Page - Allegro MicroSystems A119 Datasheet HTML 10Page - Allegro MicroSystems A119 Datasheet HTML 11Page - Allegro MicroSystems A119 Datasheet HTML 12Page - Allegro MicroSystems A119 Datasheet HTML 13Page - Allegro MicroSystems A119 Datasheet HTML 14Page - Allegro MicroSystems A119 Datasheet HTML 15Page - Allegro MicroSystems A119 Datasheet HTML 16Page - Allegro MicroSystems A119 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Programmable, Chopper-Stabilized,
Two-Wire Hall-Effect Switches
A119x and A119x-F
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Table 2. Programming Logic Table
Register
Bit Field Address (Code)
Description
Key
Name
Binary Format
[MSB → LSB]
Decimal
Equivalent
Try Mode
0
BOP Trim Up Counting
000000
0
Initial value (below minimum |BOP| ) (Try mode sequence
starts with code 1); Code corresponds to bit field value (code
1 selects bit field value 000001)
111111
63
Maximum selectable value (above maximum |BOP| )
1
BOP Trim Down Counting
111111
0
Initial value (above maximum |BOP| ) (Try mode sequence
starts with code 1); Code is automatically inverted (code 1
selects bit field value 111110)
000000
63
Minimum selectable value (below minimum |BOP|)
7
Fuse Check
000111
7
Check integrity of all fuse bits versus low threshold
001111
15
Check integrity of all fuse bits versus high threshold
Blow Mode
0
BOP Trim
000000
0
Initial value (below minimum |BOP| ); (Only allows selection
of 1 bit per sequence)
111111
63
Maximum selectable value (above maximum |BOP| ); (Only
allows selection of 1 bit per sequence)
7
Programming Lock
001000
8
Locks out access to all registers except Fuse Check
Code. The number used to identify the combination of fuses
activated in a bit field, expressed as the decimal equivalent of the
binary value. The LSB of a bit field is denoted as code 1, or bit 0.
Addressing. Setting the bit field code in a selected register by
seriallyapplyingapulsetrainthroughtheVCCpinofthedevice.
Eachparametercanbemeasuredduringtheaddressingprocess,
but the internal fuses must be blown before the programming
code (and parameter value) becomes permanent.
Fuse Blowing.ApplyingaVPH pulse of sufficient duration to
permanently set an addressed bit by blowing a fuse internal to the
device. Once a bit (fuse) has been blown, it cannot be reset.
Blow Pulse.AVPH pulse of sufficient duration to blow the
addressed fuse.
Cycling the Supply. Powering-down, and then powering-up the
supply voltage. Cycling the supply is used to clear the program-
ming settings in Try mode.
Programming Procedure
Programming involves selection of a register, a mode, and then
setting values for parameters in the register for evaluation or for
fuse blowing. Figure 10 provides an overview state diagram.
Register SelectionEachprogrammableparametercanbe
accessed through a specific register. To select a register, a
sequenceofvoltagepulsesconsistingofaVPH pulse, a series of
VPMpulses,andaVPHpulse(withnoVCC supply interruptions)
mustbeappliedseriallytotheVCCpin.ThequantityofVPM
pulses is called the key, and uniquely identifies each register. The
pulses for selection of register key 1, is shown in figure 5. No
VPM pulse is sent for key 0. The register selections are shown in
table 2.
Mode Selection After register selection, the mode is selected,
either Try or Blow mode. Try mode is selected by default. To
select Blow mode, that mode selection key must be sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com