Electronic Components Datasheet Search
  English  ▼

X  

A119 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A119
Description  Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A119 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A119 Datasheet HTML 14Page - Allegro MicroSystems A119 Datasheet HTML 15Page - Allegro MicroSystems A119 Datasheet HTML 16Page - Allegro MicroSystems A119 Datasheet HTML 17Page - Allegro MicroSystems A119 Datasheet HTML 18Page - Allegro MicroSystems A119 Datasheet HTML 19Page - Allegro MicroSystems A119 Datasheet HTML 20Page - Allegro MicroSystems A119 Datasheet HTML 21Page - Allegro MicroSystems A119 Datasheet HTML 22Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Programmable, Chopper-Stabilized,
Two-Wire Hall-Effect Switches
A119x and A119x-F
21
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package UB, 2-Pin SIP
Mold Ejector
Pin Indent
0.25 REF
0.30 REF
4 X 2.50 REF
4 X 7.37 REF
4 X 0.85 REF
4 X 0.85 REF
0.38 REF
0.25 REF
45°
0.85 ±0.07
0.85 ±0.07
2
1
B
4 X 10°
A
Branded
Face
0.25 +0.07
–0.03
0.42 ±0.10
4.00
4.00
1.00 ±0.10
1.80
±0.10
2.54 REF
12.20 ±0.10
1.50 ±0.05
1.50 ±0.05
A
B
C
C
DBranding scale and appearance at supplier discretion
F
F
E
E
1.75
2.00
E
E
Dambar removal protrusion (8X)
Gate and tie bar burr area
Active Area Depth, 0.38 mm REF
Hall element; not to scale
Thermoplastic Molded Lead Bar for alignment during shipment
4.00 +0.06
–0.05
+0.06
–0.07
1.80+0.06
–0.07
+0.06
–0.05
D
= Supplier emblem
= Last three digits of device part number
= Last 2 digits of year of manufacture
= Week of manufacture
= Lot number
N
Y
W
L
Standard Branding Reference View
YYWW
LLLL
NNN
For reference only; not for tooling use (reference DWG-9070).
Dimensions in millimeters.
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions.
Exact case and lead configuration at supplier discretion within limits shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com