Electronic Components Datasheet Search
  English  ▼

X  

DS8820 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8820
Description  Dual Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8820 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS8820 Datasheet HTML 1Page - National Semiconductor (TI) DS8820 Datasheet HTML 2Page - National Semiconductor (TI) DS8820 Datasheet HTML 3Page - National Semiconductor (TI) DS8820 Datasheet HTML 4Page - National Semiconductor (TI) DS8820 Datasheet HTML 5Page - National Semiconductor (TI) DS8820 Datasheet HTML 6Page - National Semiconductor (TI) DS8820 Datasheet HTML 7Page - National Semiconductor (TI) DS8820 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switching Characteristics
T
A = 25˚C, VCC = 5V, unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
t
pd0
Propagation Delay, Differential
Input to “0” Output
R
L = 400 Ω,CL = 15 pF, see Figure 1
30
45
ns
t
pd1
Propagation Delay, Differential
Input to “1” Output
27
40
ns
t
pd0
Propagation Delay, Strobe
Input to “0” Output
16
25
ns
t
pd1
Propagation Delay, Strobe
Input to “1” Output
18
30
ns
AC Test Circuit and Waveforms
DS005797-7
Note 7: *Includes Jig and Probe Capacitance
DS005797-8
A = Differential Input to “0” Output
B = Differential Input to “1” Output
C = Strobe Input to “0” Output
D = Strobe Input to “1” Output
FIGURE 1.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com