Electronic Components Datasheet Search
  English  ▼

X  

DS8820 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS8820
Description  Dual Line Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS8820 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS8820 Datasheet HTML 1Page - National Semiconductor (TI) DS8820 Datasheet HTML 2Page - National Semiconductor (TI) DS8820 Datasheet HTML 3Page - National Semiconductor (TI) DS8820 Datasheet HTML 4Page - National Semiconductor (TI) DS8820 Datasheet HTML 5Page - National Semiconductor (TI) DS8820 Datasheet HTML 6Page - National Semiconductor (TI) DS8820 Datasheet HTML 7Page - National Semiconductor (TI) DS8820 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DS7820A/DS8820A
Dual Line Receiver
General Description
The DS7820A and the DS8820A are improved performance
digital line receivers with two completely independent units
fabricated on a single silicon chip. Intended for use with digi-
tal systems connected by twisted pair lines, they have a dif-
ferential input designed to reject large common mode sig-
nals while responding to small differential signals. The output
is directly compatible with TTL or LS integrated circuits.
The response time can be controlled with an external capaci-
tor to reject input noise spikes. The output state is a logic “1”
for both inputs open. Termination resistors for the twisted
pair line are also included in the circuit. Both the DS7820A
and the DS8820A are specified, worst case, over their full
operating temperature range (−55˚C to +125˚C and 0˚C to
70˚C respectively), over the entire input voltage range, for
±10% supply voltage variations.
Features
n Operation from a single +5V logic supply
n Input voltage range of ±15V
n Strobe low forces output to “1” state
n High input resistance
n Fanout of ten with TTL integrated circuits
n Outputs can be wire OR’ed
n Series 54/74 compatible
Connection Diagram
Dual-in-Line Package
DS005797-2
Note 1: Pin 7 connected to bottom of cavity package.
Top View
Order Number DS7820AJ or DS8820AN See NS Package Number J14A or N14A
For Complete Military 883 Specificatons, See RETS Data Sheet.
Order Number DS7820AJ/883
See NS Package Number J14A or W14B
May 1999
© 1999 National Semiconductor Corporation
DS005797
www.national.com


Similar Part No. - DS8820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8820 NSC-DS8820 Datasheet
123Kb / 6P
Dual Line Receiver
February 1996
logo
Texas Instruments
DS8820A TI1-DS8820A Datasheet
293Kb / 10P
Dual Line Receiver
DS8820A-N TI1-DS8820A-N Datasheet
293Kb / 10P
Dual Line Receiver
DS8820AN TI1-DS8820AN Datasheet
293Kb / 10P
Dual Line Receiver
logo
National Semiconductor ...
DS8820N NSC-DS8820N Datasheet
123Kb / 6P
Dual Line Receiver
February 1996
More results

Similar Description - DS8820

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
Dual Line Receiver
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
DUAL LINE RECEIVER
UA9639C TI-UA9639C Datasheet
101Kb / 7P
DUAL DIFFERENTIAL LINE RECEIVER
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
Texas Instruments
SN74LS2323 TI-SN74LS2323 Datasheet
311Kb / 9P
DUAL LINE RECEIVER
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
Dual Line Receiver
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
Dual Line Receiver
February 1996
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com