Electronic Components Datasheet Search
  English  ▼

X  

MIC4682 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC4682
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC4682 Datasheet HTML 4Page - Micrel Semiconductor MIC4682 Datasheet HTML 5Page - Micrel Semiconductor MIC4682 Datasheet HTML 6Page - Micrel Semiconductor MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor MIC4682 Datasheet HTML 10Page - Micrel Semiconductor MIC4682 Datasheet HTML 11Page - Micrel Semiconductor MIC4682 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MIC4682
Micrel
October 2003
8
M0334-102203
No-Load Stability
Phase Margin = 98°
V
IN = 7.5V
V
OUT = 5V
I
OUT = 0A
T
A = 25°C
Full-Load Stability
Phase Margin = 56°
V
IN = 7.5V
V
OUT = 5V
I
OUT = 1A
T
A = 25°C
Typical Bode Plots
The following bode plots show that the MIC4682 is stable using a 68
µH inductor (L) and a 220µF output capacitor (C
OUT).
To assure stability, it is a good practice to maintain a phase margin of greater than 35
°C.
No-Load Stability
Phase Margin = 109°
V
IN = 12V
V
OUT = 5V
I
OUT = 0A
T
A = 25°C
Full-Load Stability
Phase Margin = 50°
V
IN = 12V
V
OUT = 5V
I
OUT = 1A
T
A = 25°C
No-Load Stability
Phase Margin = 122°
V
IN = 34V
V
OUT = 5V
I
OUT = 0A
T
A = 25°C
Full-Load Stability
Phase Margin = 45°
V
IN = 34V
V
OUT = 5V
I
OUT = 1A
T
A = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com