Electronic Components Datasheet Search
  English  ▼

X  

MIC4682 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MIC4682
Description  PRECISION CURRENT LIMIT SO-8 SUPERSWITCHER BUCK REGULATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4682 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MIC4682 Datasheet HTML 7Page - Micrel Semiconductor MIC4682 Datasheet HTML 8Page - Micrel Semiconductor MIC4682 Datasheet HTML 9Page - Micrel Semiconductor MIC4682 Datasheet HTML 10Page - Micrel Semiconductor MIC4682 Datasheet HTML 11Page - Micrel Semiconductor MIC4682 Datasheet HTML 12Page - Micrel Semiconductor MIC4682 Datasheet HTML 13Page - Micrel Semiconductor MIC4682 Datasheet HTML 14Page - Micrel Semiconductor MIC4682 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MIC4682
Micrel
October 2003
12
M0334-102203
SW
L1
68
µH
IN
FB
GND
SHDN
COUT
R1
R2
ISET
D1
VOUT
MIC4682BM
GND
CIN
VIN
+4V to +34V
Power
SOP-8
267
3
1
8
5
4
Figure 4. Critical Traces for Layout
SW
L1
68
µH
IN
GND
GND
GND
SHDN
FB
ISET
D1
B340A
J3
VOUT
J4
GND
U1 MIC4682BM
JP1 1-2=OFF
JP1 2-3-ON
C3
0.1
µF
50V
J1
VIN
4V to 34V
2
6
7
1
2
1
12
8
5
4
3
2
1
3
J2
GND
JP1
ON
OFF
C5
220
µF
10V
C6
Option
C4
Option
R5
6.49k
JP2a
1.8V
R4
2.94k
R1
3.01k
R2
976
C2
10
µF
50V
C1
10
µF
50V
C7
0.1
µF
50V
JP2b
2.5V
JP2d
5.0V
2
1
4
3
R3
1.78k
JP2c
3.3V
6
5
8
7
R8
option
JP3c
2.0A
R7
16.2k
R6
25k
R9
10M
JP3b
1.0A
JP3a
0.6A
2
1
4
3
6
5
Figure 5a. Evaluation Board Schematic Diagram
T
C = “pin” temperature measurement taken at the
entry point of pins 6 or 7.
T
A = ambient temperature
TA(max) = maximum ambient operating temperature
for the specific design.
Calculating the maximum junction temperature given a
maximum ambient temperature of 65
°C:
T
J = 0.936 × 20°C/W + (45°C – 25°C) + 65°C
T
J = 103.7°C
This value is within the allowable maximum operating junc-
tion temperature of 125
°C as listed in “Operating Ratings.”
Typical thermal shutdown is 160
°C and is listed in “Electrical
Characteristics.”
Layout Considerations
Layout is very important when designing any switching regu-
lator. Rapidly changing currents through the printed circuit
board traces and stray inductance can generate voltage
transients which can cause problems.
To minimize stray inductance and ground loops, keep trace
lengths, indicated by the heavy lines in Figure 4, as short as
possible. For example, D1 should be close to pin 7 and pin 8.
C
IN should be close to pin 5 and pin 6. See “Applications
Information: Thermal Considerations” for ground plane lay-
out.
The feedback pin should be kept as far way from the switching
elements (usually L1 and D1) as possible.
A circuit with sample layouts are provided. See Figures 5a
though 5e. Gerber files are available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com