Electronic Components Datasheet Search
  English  ▼

X  

PCM1608Y Datasheet(PDF) 19 Page - Texas Instruments

Part # PCM1608Y
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608Y Datasheet(HTML) 19 Page - Texas Instruments

Back Button PCM1608Y Datasheet HTML 15Page - Texas Instruments PCM1608Y Datasheet HTML 16Page - Texas Instruments PCM1608Y Datasheet HTML 17Page - Texas Instruments PCM1608Y Datasheet HTML 18Page - Texas Instruments PCM1608Y Datasheet HTML 19Page - Texas Instruments PCM1608Y Datasheet HTML 20Page - Texas Instruments PCM1608Y Datasheet HTML 21Page - Texas Instruments PCM1608Y Datasheet HTML 22Page - Texas Instruments PCM1608Y Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
PCM1608
19
SBAS164A
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
REGISTER 10
R/W
IDX6
IDX5
IDX4
IDX3
IDX2
IDX1
IDX0
RSV
ZREV
DREV
DMF1
DMF0
DMC
DMC
DMC
R/W
Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default Value: 0
DMF[1:0]
Sampling Frequency Selection for the De-Emphasis Function
These bits are Read/Write.
Default Value: 00B
DMF[1:0]
De-Emphasis Same Rate Selection
00
44.1kHz (default)
01
48kHz
10
32kHz
11
Reserved
The DMF[1:0] bits are used to select the sampling frequency used for the Digital De-Emphasis function when
it is enabled. The de-emphasis curves are shown in the Typical Performance Curves section of this data sheet.
The table below shows the available sampling frequencies.
DMC
Digital De-Emphasis, All Channels Function Control
This bit is Read/Write.
Default Value: 0
DMC = 0
De-Emphasis Disabled for All Channels (default)
DMC = 1
De-Emphasis Enabled for All Channels 1 and 2
The DMC bit is used to enable or disable the De-Emphasis function for all channels. To select more than one
of three DMC bits, enable or disable the De-Emphasis function.
DREV
Output Phase Select
Default Value: 0
DREV = 0
Normal Output (default)
DREV = 1
Inverted Output
The DREV bit is the output analog signal phase control.
ZREV
Zero Flag Polarity Select
Default Value: 0
ZREV = 0
Zero Flag Pins HIGH at a Zero Detect (default)
ZREV = 1
Zero Flag Pins LOW at a Zero Detect
The ZREV bit allows the user to select the polarity of the Zero Flag pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com