Electronic Components Datasheet Search
  English  ▼

X  

PCM1608Y Datasheet(PDF) 24 Page - Texas Instruments

Part # PCM1608Y
Description  24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1608Y Datasheet(HTML) 24 Page - Texas Instruments

Back Button PCM1608Y Datasheet HTML 20Page - Texas Instruments PCM1608Y Datasheet HTML 21Page - Texas Instruments PCM1608Y Datasheet HTML 22Page - Texas Instruments PCM1608Y Datasheet HTML 23Page - Texas Instruments PCM1608Y Datasheet HTML 24Page - Texas Instruments PCM1608Y Datasheet HTML 25Page - Texas Instruments PCM1608Y Datasheet HTML 26Page - Texas Instruments PCM1608Y Datasheet HTML 27Page - Texas Instruments PCM1608Y Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
PCM1608
24
SBAS164A
FIGURE 13. Typical Application Diagram.
A typical application diagram is shown in Figure 13. The
REG1117-3.3 from Texas Instruments is used to generate
+3.3V for VDD from the +5V analog power supply. The
PLL1700E from Texas Instruments is used to generate the
system clock input at SCKI, as well as generating the clock
for the audio signal processor.
Series resistors (22
Ω to 100Ω) are recommended for SCKI,
LRCK, BCK, DATA1, DATA2, DATA3, and DATA4.
The series resistor combines with the stray PCB and device
input capacitance to form a low-pass filter which removes
high-frequency noise from the digital signal, thus reducing
high-frequency emission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com