Electronic Components Datasheet Search
  English  ▼

X  

PCM3010 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PCM3010 Datasheet HTML 2Page - Texas Instruments PCM3010 Datasheet HTML 3Page - Texas Instruments PCM3010 Datasheet HTML 4Page - Texas Instruments PCM3010 Datasheet HTML 5Page - Texas Instruments PCM3010 Datasheet HTML 6Page - Texas Instruments PCM3010 Datasheet HTML 7Page - Texas Instruments PCM3010 Datasheet HTML 8Page - Texas Instruments PCM3010 Datasheet HTML 9Page - Texas Instruments PCM3010 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
6
www.ti.com
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage: VCC1, VCC2
6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDD
4.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage differences: VCC1, VCC2
±0.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ground voltage differences: AGND1, AGND2, DGND
±0.1 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage: PDWN, TEST, FMT0, FMT1, DEMP0, DEMP1, LRCK, BCK, DIN, SCKI
–0.3 V to +6.5 V
. . . .
Digital input voltage: DOUT
–0.3 V to (VDD + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage, VINL, VINR, VREF1, VREF2
–0.3 V to (VCC1 + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage, VCOM, VOUTL, VOUTR
–0.3 V to (VCC2 + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current (any pins except supplies)
±10 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Ambient temperature under bias
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature (soldering)
260
°C, 5 s
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package temperature (IR reflow, peak)
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
electrical characteristics, all specifications at TA = 25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V,
fS = 44.1 kHz, SCKI = 384 fS, 24-bit data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
PCM3010DB
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUT/OUTPUT
DATA FORMAT
Audio data interface format
Left-justified, I2S, right-justified
Audio data bit length
16, 24
Bits
Audio data format
MSB-first, 2s complement
f
Sampling frequency, ADC
16
44.1
96
kHz
fS
Sampling frequency, DAC
16
44.1
192
kHz
System clock frequency
128 fS, 192 fS, 256 fS, 384 fS, 512 fS, 768
fS
4
50
MHz
INPUT LOGIC
VIH
Input logic level (see Notes 1 and 2)
2.0
5.5
VDC
VIL
Input logic level (see Notes 1 and 2)
0.8
VDC
IIH
Input logic current (see Note 2)
VIN = VDD
±10
µA
IIL
Input logic current (see Note 2)
VIN = 0 V
±10
µA
IIH
Input logic current (see Note 1)
VIN = VDD
65
100
µA
IIL
Input logic current (see Note 1)
VIN = 0 V
±10
µA
OUTPUT LOGIC
VOH
Output logic level (see Note 3)
IOUT = –4 mA
2.4
VDC
VOL
Output logic level (see Note 3)
IOUT = 4 mA
0.4
VDC
ADC CHARACTERISTICS
Resolution
24
Bits
NOTES:
1. Pins 7, 8, 9, 17, 18, 19: PDWN , TEST, FMT0, FMT1, DEMP0, DEMP1 (Schmitt-trigger input with 50-k
Ω typical internal pulldown
resistor, 5-V tolerant).
2. Pins 10–12, 16: LRCK, BCK, DIN, SCKI (Schmitt-trigger input, 5-V tolerant).
3. Pin 13: DOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com