Electronic Components Datasheet Search
  English  ▼

X  

PCM3010 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC, AND SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM3010 Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCM3010 Datasheet HTML 23Page - Texas Instruments PCM3010 Datasheet HTML 24Page - Texas Instruments PCM3010 Datasheet HTML 25Page - Texas Instruments PCM3010 Datasheet HTML 26Page - Texas Instruments PCM3010 Datasheet HTML 27Page - Texas Instruments PCM3010 Datasheet HTML 28Page - Texas Instruments PCM3010 Datasheet HTML 29Page - Texas Instruments PCM3010 Datasheet HTML 30Page - Texas Instruments PCM3010 Datasheet HTML 31Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
PCM3010
SLES055 – NOVEMBER 2002
28
www.ti.com
typical circuit connection
The following figure illustrates typical circuit connection.
VCC1
20
19
18
17
16
15
14
13
5
6
7
8
9
10
11
12
AGND1
FMT0
FMT1
TEST
LRCK
BCK
DIN
AGND2
DOUT
DEMP0
DEMP1
PDWN
SCKI
DGND
VDD
L-Ch IN
Format 0
Clock
De-emphasis 0
(See Note C)
Control
VINL
24
23
22
21
1
2
3
4
VINR
VREF1
VREF2
VCOM
VOUTL
VOUTR
VCC2
+
+
(See Note B)
+
(See Note B)
+
(See Note A)
+
NOTES: A. 0.1
µF ceramic and 10 µF electrolytic capacitors typical, depending on power supply quality and pattern layout.
B. 0.1
µF ceramic and 10 µF electrolytic capacitors are recommended.
C. 1
µF electrolytic capacitor typical, gives 8-Hz cutoff frequency of input HPF in normal operation and gives settling time with
20 ms (1
µF × 20 kΩ) time constant in power ON and power down OFF period.
D. 10
µF electrolytic capacitor typical, gives 2-Hz cutoff frequency for 10-kΩ post-LPF input resistance in normal operation and
gives settling time with 100 ms (10
µF × 10 kΩ) time constant in power ON and power down OFF period.
R-Ch IN
0 V
3.3 V
5 V
Format 1
L/R Clock
Data IN
Bit Clock
Control
Data
+
(See Note B)
(See Note D)
(See Note D)
(See Note A)
+
+
+
(See Note C)
Post LPF
Post LPF
De-emphasis 1
Power Down
System Clock
Clock
Data OUT
Data
+
(See Note A)
design and layout considerations in application
power supply pins (VCC1, VCC2, VDD)
The digital and analog power supply lines to the PCM3010 should be bypassed to the corresponding ground
pins, with 0.1-
µF ceramic and 10-µF electrolytic capacitors as close to the pins as possible to maximize the
dynamic performance of the ADC and the DAC.
Although the PCM3010 has three power lines to maximize the potential of dynamic performance, using one
common 5-V power supply for VCC1 and VCC2 and a 3.3-V power supply, which is generated from the 5-V VCC1
and VCC2 power supply, for VDD. This power supply arrangement is recommended to avoid unexpected power
supply trouble, like latch-up or power supply sequencing problems.
grounding (AGND1, AGND2, DGND)
To maximize the dynamic performance of the PCM3010, the analog and digital grounds are not connected
internally. These points should have very low impedance to avoid digital noise feeding back into the analog
ground. They should be connected directly to each other under the connected parts to reduce the potential for
noise problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com