Electronic Components Datasheet Search
  English  ▼

X  

INA337 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA337
Description  INSTRUMENTATION AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA337 Datasheet(HTML) 5 Page - Texas Instruments

  INA337 Datasheet HTML 1Page - Texas Instruments INA337 Datasheet HTML 2Page - Texas Instruments INA337 Datasheet HTML 3Page - Texas Instruments INA337 Datasheet HTML 4Page - Texas Instruments INA337 Datasheet HTML 5Page - Texas Instruments INA337 Datasheet HTML 6Page - Texas Instruments INA337 Datasheet HTML 7Page - Texas Instruments INA337 Datasheet HTML 8Page - Texas Instruments INA337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
INA337, INA338
5
SBOS222A
www.ti.com
TYPICAL CHARACTERISTICS
At TA = 25°C, VS = +5V, Gain = 100, RL = 10kΩ with external equivalent filter corner of 1kHz filters, unless otherwise noted.
GAIN vs FREQUENCY
1kHz FILTER
Frequency (Hz)
10
100
1k
10k
100k
1M
80
60
40
20
0
–20
–40
G = 1k
G = 100
G = 10
G = 1
GAIN vs FREQUENCY
10kHz FILTER
Frequency (Hz)
10
100
1k
10k
100k
1M
80
60
40
20
0
–20
–40
G = 1k
G = 100
G = 10
G = 1
INPUT-REFERRED VOLTAGE NOISE AND
INPUT BIAS CURRENT NOISE vs FREQUENCY
10kHz Filter
1
10k
1k
100
10
1
0.1
0.01
0.001
10
100
1k
10k
Frequency (Hz)
G = 1
G = 100
Current Noise
(all gains)
G = 10
G = 1000
CMR vs FREQUENCY
1kHz FILTER
Frequency (Hz)
10
100
1k
10k
100k
1M
160
140
120
100
80
60
40
20
G = 1k
G = 100
G = 10
G = 1
CMR vs FREQUENCY
10kHz FILTER
Frequency (Hz)
10
100
1k
10k
100k
1M
160
140
120
100
80
60
40
20
G = 100
G = 10
G = 1
G = 1k
POWER-SUPPLY REJECTION vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
120
100
80
60
40
20
0
G = 100, 1k
G = 10
G = 1
Filter Frequency
10kHz
1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com