Electronic Components Datasheet Search
  English  ▼

X  

INA337 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA337
Description  INSTRUMENTATION AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA337 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA337 Datasheet HTML 4Page - Texas Instruments INA337 Datasheet HTML 5Page - Texas Instruments INA337 Datasheet HTML 6Page - Texas Instruments INA337 Datasheet HTML 7Page - Texas Instruments INA337 Datasheet HTML 8Page - Texas Instruments INA337 Datasheet HTML 9Page - Texas Instruments INA337 Datasheet HTML 10Page - Texas Instruments INA337 Datasheet HTML 11Page - Texas Instruments INA337 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
INA337, INA338
8
SBOS222A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = 25°C, VS = +5V, Gain = 100, RL = 10kΩ with external equivalent filter corner of 1kHz filters, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
°C)
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
I
B–
I
B+
–40
40
20
0
–20
120
100
80
60
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
125
3.0
2.5
2.0
1.5
1.0
0.5
0
V
S = +2.7V
V
S = +5V
GAIN ERROR PRODUCTION DISTRIBUTION
Gain Error (m%)
INPUT-REFERRED RIPPLE SPECTRUM
G = 100
Frequency (Hz)
0
200k
400k
600k
800k
1M
100
110
120
130
140
150
160
170
180
100
31.6
1
0.316
0.10
0.03
0.01
0.003
0.001
OUTPUT SWING TO THE NEGATIVE RAIL
vs TEMPERATURE
–40
16
14
12
10
8
6
4
2
0
40
20
0
–20
Temperature (
°C)
120
100
80
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com