Electronic Components Datasheet Search
  English  ▼

X  

INA2141UA/1K Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA2141UA/1K
Description  INSTRUMENTATION AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2141UA/1K Datasheet(HTML) 5 Page - Texas Instruments

  INA2141UA/1K Datasheet HTML 1Page - Texas Instruments INA2141UA/1K Datasheet HTML 2Page - Texas Instruments INA2141UA/1K Datasheet HTML 3Page - Texas Instruments INA2141UA/1K Datasheet HTML 4Page - Texas Instruments INA2141UA/1K Datasheet HTML 5Page - Texas Instruments INA2141UA/1K Datasheet HTML 6Page - Texas Instruments INA2141UA/1K Datasheet HTML 7Page - Texas Instruments INA2141UA/1K Datasheet HTML 8Page - Texas Instruments INA2141UA/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
®
INA2141
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, and VS = ±15V, unless otherwise noted.
INPUT- REFERRED NOISE vs FREQUENCY
Frequency (Hz)
110
1k
100
1k
100
10
1
10k
G = 10V/V
100
10
1
0.1
Current Noise
G = 100
CROSSTALK vs FREQUENCY
Frequency (Hz)
10
100
10k
1M
1k
140
120
100
80
60
40
20
0
100k
G = 10V/V
G = 100V/V
OFFSET VOLTAGE WARM-UP
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
10
20
30
40
50
Time (ms)
G = 100V/V
QUIESCENT CURRENT and SLEW RATE
vs TEMPERATURE
Temperature (°C)
1.8
1.7
1.6
1.5
1.4
1.3
6
5
4
3
2
1
–75
–50
–25
0
25
50
75
100
125
I
Q
Slew Rate
INPUT OVER-VOLTAGE V/I CHARACTERISTICS
5
4
3
2
1
0
–1
–2
–3
–4
–5
Input Voltage (V)
–50
–40
–30
–20
–10
10
20
30
40
050
G = 10V/V
G = 10V/V
G = 100V/V
G = 100V/V
VIN
IIN
–15V
+15V
INA2141
1/2
Flat region represents
normal linear operation.
INPUT BIAS CURRENT vs TEMPERATURE
2
1
0
–1
–2
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
I
OS
I
B
Typical I
B and IOS
Range ±2nA at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com