Electronic Components Datasheet Search
  English  ▼

X  

INA2141UA/1K Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA2141UA/1K
Description  INSTRUMENTATION AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA2141UA/1K Datasheet(HTML) 1 Page - Texas Instruments

  INA2141UA/1K Datasheet HTML 1Page - Texas Instruments INA2141UA/1K Datasheet HTML 2Page - Texas Instruments INA2141UA/1K Datasheet HTML 3Page - Texas Instruments INA2141UA/1K Datasheet HTML 4Page - Texas Instruments INA2141UA/1K Datasheet HTML 5Page - Texas Instruments INA2141UA/1K Datasheet HTML 6Page - Texas Instruments INA2141UA/1K Datasheet HTML 7Page - Texas Instruments INA2141UA/1K Datasheet HTML 8Page - Texas Instruments INA2141UA/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©1995 Burr-Brown Corporation
PDS-1244C
Printed in U.S.A. January, 1996
FEATURES
q LOW OFFSET VOLTAGE: 50
µV max
q LOW DRIFT: 0.5
µV/°C max
q EXCELLENT GAIN ACCURACY:
±0.05% max at G = 10
q LOW INPUT BIAS CURRENT: 5nA max
q HIGH CMR: 117dB min (G = 100)
q INPUTS PROTECTED TO
±40V
q WIDE SUPPLY RANGE:
±2.25V to ±18V
q LOW QUIESCENT CURRENT: 750
µA/IA
q 16-PIN PLASTIC DIP, SOL-16
DESCRIPTION
The INA2141 is a low power, dual instrumentation
amplifier offering excellent accuracy. Its versatile
3-op amp design and small size make it ideal for a
wide range of applications. Current-feedback input
circuitry provides wide bandwidth even at high gain
(200kHz at G = 100).
Simple pin connections set an accurate gain of 10 or
100V/V without external resistors. Internal input pro-
tection can withstand up to
±40V without damage.
The INA2141 is laser trimmed for very low offset
voltage (50
µV), drift (0.5µV/°C) and high common-
mode rejection (117dB at G = 100). It operates with
power supplies as low as
±2.25V, and quiescent cur-
rent is only 750
µA per amplifier—ideal for battery
operated systems.
Packages are 16-pin plastic DIP, and SOL-16
surface-mount, specified for the –40
°C to +85°C
temperature range.
Dual, Low Power, G = 10, 100
INSTRUMENTATION AMPLIFIER
APPLICATIONS
q SENSOR AMPLIFIER
THERMOCOUPLE, RTD, BRIDGE
q MEDICAL INSTRUMENTATION
q MULTIPLE CHANNEL SYSTEMS
INA2141
®
A1A
A2A
A3A
40k
Ω
40k
Ω
40k
Ω
40k
Ω
VINA
VINA
G = 10
or
100
V+
V–
INA2141
Ref
VOA
–
+
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
A1B
A2B
A3B
40k
Ω
40k
Ω
40k
Ω
40k
Ω
VINB
VINB
Ref
VOB
–
+
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
G = 10
or
100
5050
Ω
252
Ω
252
Ω
252
Ω
252
Ω
5050
Ω
1
3
4
2
16
14
13
15
7
6
5
10
11
12
8
9
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
INA2141
INA2141
SBOS036


Similar Part No. - INA2141UA/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA2141UA/1K TI2-INA2141UA/1K Datasheet
311Kb / 16P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
23-May-2025
INA2141UA/1K.A TI2-INA2141UA/1K.A Datasheet
311Kb / 16P
Dual, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
23-May-2025
More results

Similar Description - INA2141UA/1K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
ISO165 BURR-BROWN-ISO165 Datasheet
164Kb / 8P
INSTRUMENTATION AMPLIFIER
logo
Cadeka Microcircuits LL...
CLC1200 CADEKA-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1201 CADEKA-CLC1201 Datasheet
1Mb / 15P
Instrumentation Amplifier
logo
Texas Instruments
PGA202 TI1-PGA202_00 Datasheet
106Kb / 11P
INSTRUMENTATION AMPLIFIER
INA322 TI1-INA322_16 Datasheet
815Kb / 22P
INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337_14 Datasheet
830Kb / 19P
INSTRUMENTATION AMPLIFIER
PGA206 TI1-PGA206_16 Datasheet
213Kb / 13P
INSTRUMENTATION AMPLIFIER
logo
Exar Corporation
XR620A EXAR-XR620A Datasheet
1Mb / 15P
Instrumentation Amplifier
CLC1200 EXAR-CLC1200 Datasheet
1Mb / 15P
Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com