Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7340C
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7340C Datasheet(HTML) 20 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 16Page - Texas Instruments ISO7340C Datasheet HTML 17Page - Texas Instruments ISO7340C Datasheet HTML 18Page - Texas Instruments ISO7340C Datasheet HTML 19Page - Texas Instruments ISO7340C Datasheet HTML 20Page - Texas Instruments ISO7340C Datasheet HTML 21Page - Texas Instruments ISO7340C Datasheet HTML 22Page - Texas Instruments ISO7340C Datasheet HTML 23Page - Texas Instruments ISO7340C Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
20
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
(1)
See the Safety-Related Certifications section for detailed isolation ratings.
9.3 Feature Description
The ISO734x family of devices are available in multiple channel configurations and default output state options to
enable wide variety of application uses.
PART NUMBER
CHANNEL DIRECTION
RATED ISOLATION
MAXIMUM DATA RATE
DEFAULT OUTPUT
ISO7340C
4 Forward,
0 Reverse
3000 VRMS / 4242 VPK
(1)
25 Mbps
High
ISO7340FC
Low
ISO7341C
3 Forward,
1 Reverse
High
ISO7341FC
Low
ISO7342C
2 Forward,
2 Reverse
High
ISO7342FC
Low
9.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge, and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO734x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
•
Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
•
Low-resistance connectivity of ESD cells to supply and ground pins.
•
Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
•
Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
•
PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
•
Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com