Electronic Components Datasheet Search
  English  ▼

X  

ISO7340C Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7340C
Description  Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7340C Datasheet(HTML) 26 Page - Texas Instruments

Back Button ISO7340C Datasheet HTML 22Page - Texas Instruments ISO7340C Datasheet HTML 23Page - Texas Instruments ISO7340C Datasheet HTML 24Page - Texas Instruments ISO7340C Datasheet HTML 25Page - Texas Instruments ISO7340C Datasheet HTML 26Page - Texas Instruments ISO7340C Datasheet HTML 27Page - Texas Instruments ISO7340C Datasheet HTML 28Page - Texas Instruments ISO7340C Datasheet HTML 29Page - Texas Instruments ISO7340C Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
VCC1
VCC2
GND1
GND2
OUTA
16
14
12
2, 8
9, 15
P3.1
P3.0
UCA0TXD
UCA0RXD
11
15
16
12
4
XOUT
XIN
5
6
2
MSP430
F2132
INA
OUTD
1
3
5
4
6
ISO7342
DVSS
DVCC
0.1 F
0.1 F
0.1 F
EN1
EN2
7
10
INB
13
11
OUTB
INC
IND
16
0.1 F
OUTC
VCC
GND
15
T1IN
9
11
12
10
C2-
3
R1OUT
T2IN
14
13
5
7
8
VS-
6
4
2
1
R2OUT
VS+
C1+
C1-
C2+
TRS232
4.7 k
4.7 k
R1IN
T1OUT
R2IN
T2OUT
1 F
1 F
1 F
1 F
TxD
RxD
RST
CST
ISOGND
10 F
0.1 F
MBR0520L
MBR0520L
1:2.1
0.1 F
3
1
D2
SN6501
D1
VCC
4, 5
2
GND
3.3 V
IN
ON
GND
OUT
1
5
4
3
LP2985-50
3.3 F
10 F
ISO-BARRIER
VIN
5VISO
2
BP
10 nF
26
ISO7340C, ISO7340FC, ISO7341C, ISO7341FC, ISO7342C, ISO7342FC
SLLSEI6F – SEPTEMBER 2014 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: ISO7340C ISO7340FC ISO7341C ISO7341FC ISO7342C ISO7342FC
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Typical Application (continued)
10.2.3 Typical Application for RS-232 Interface
Typical isolated RS-232 interface implementation is shown in Figure 27.
Figure 27. Isolated RS-232 Interface
10.2.3.1 Design Requirements
Refer to Isolated Data Acquisition System for Process Control for the design requirements.
10.2.3.2 Detailed Design Procedure
Refer to Isolated Data Acquisition System for Process Control for the detailed design procedures.
10.2.3.3 Application Curves
Refer to Isolated Data Acquisition System for Process Control for the application curves.
11 Power Supply Recommendations
To help ensure reliable operation at data rates and supply voltages, a 0.1-μF bypass capacitor is recommended
at input and output supply pins (VCC1 and VCC2). The capacitors should be placed as close to the supply pins as
possible. If only a single primary-side power supply is available in an application, isolated power can be
generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501. For
such applications, detailed power supply design and transformer selection recommendations are available in
SN6501 Transformer Driver for Isolated Power Supplies. (SLLSEA0) (SLLSEF3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com