Electronic Components Datasheet Search
  English  ▼

X  

LBS2 Datasheet(PDF) 5 Page - Formosa MS

Part # LBS2
Description  SMD Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LBS2 Datasheet(HTML) 5 Page - Formosa MS

  LBS2 Datasheet HTML 1Page - Formosa MS LBS2 Datasheet HTML 2Page - Formosa MS LBS2 Datasheet HTML 3Page - Formosa MS LBS2 Datasheet HTML 4Page - Formosa MS LBS2 Datasheet HTML 5Page - Formosa MS LBS2 Datasheet HTML 6Page - Formosa MS LBS2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Page 5
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Packing information
D
D1
D2
W1
Item
Tolerance
LMBS
Carrier width
Carrier length
Carrier depth
Sprocket hole
13" Reel outside diameter
7" Reel outside diameter
13" Reel inner diameter
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
Punch hole position
Punch hole pitch
Sprocket hole pitch
Embossment center
Reel width
Overall tape thickness
Tape width
P0
P1
E
B
C
d
F
t
W
P
A
D
D
D1
D1
D2
W1
Symbol
0.1
0.05
0.1
min
min
0.5
0.1
0.3
1.0
0.1
0.05
0.1
0.1
0.1
0.05
2.0
2.0
unit:mm
1.55
330.00
-
50.00
-
13.00
1.75
5.50
8.00
4.00
2.00
0.30
12.00
12~14.4
Note:Devices are packed in accor dance with EIA standar RS-481-A and specifications listed above.
5.31
6.68
1.60
C
LBS05 THRU LBS10
DS-241172
2011/07/25
2012/04/05
B
7
SMD Bridge Rectifier



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com