Electronic Components Datasheet Search
  English  ▼

X  

LBS2 Datasheet(PDF) 1 Page - Formosa MS

Part # LBS2
Description  SMD Bridge Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LBS2 Datasheet(HTML) 1 Page - Formosa MS

  LBS2 Datasheet HTML 1Page - Formosa MS LBS2 Datasheet HTML 2Page - Formosa MS LBS2 Datasheet HTML 3Page - Formosa MS LBS2 Datasheet HTML 4Page - Formosa MS LBS2 Datasheet HTML 5Page - Formosa MS LBS2 Datasheet HTML 6Page - Formosa MS LBS2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
SMD Bridge Rectifier
Formosa MS
LBS05 THRU LBS10
Document ID
Issued Date
Revised Date
Revision
Page.
DS-241172
2011/07/25
2012/04/05
B
7
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing ....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................


Similar Part No. - LBS2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
LBS2-QH FORMOSA-LBS2-QH Datasheet
122Kb / 7P
Chip General Purpose Mini Bridge Rectifier
logo
SIPAT Co,Ltd
LBS20.48 SIPAT-LBS20.48 Datasheet
43Kb / 1P
SAW filter technical specification
LBS20003 SIPAT-LBS20003 Datasheet
142Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
LBS20003 SIPAT-LBS20003 Datasheet
148Kb / 3P
200MHz SAW Filter 4MHz Bandwidth
LBS20012 SIPAT-LBS20012 Datasheet
320Kb / 3P
199.6MHz SAW Filter 1.4MHz Bandwidth
More results

Similar Description - LBS2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ABS2 FORMOSA-ABS2 Datasheet
1Mb / 7P
SMD Bridge Rectifier
DB101S FORMOSA-DB101S Datasheet
196Kb / 7P
SMD Bridge Rectifier
DB151S FORMOSA-DB151S Datasheet
1Mb / 7P
SMD bridge Rectifier
DB201S FORMOSA-DB201S Datasheet
1Mb / 7P
SMD Bridge Rectifier
DF005S FORMOSA-DF005S Datasheet
115Kb / 7P
SMD Bridge Rectifier
DF2005S FORMOSA-DF2005S Datasheet
117Kb / 7P
SMD Bridge Rectifier
DF15005S FORMOSA-DF15005S Datasheet
116Kb / 7P
SMD Bridge Rectifier
MDS12 FORMOSA-MDS12 Datasheet
57Kb / 7P
SMD Schottky Bridge Rectifier
MDS22 FORMOSA-MDS22 Datasheet
67Kb / 7P
SMD Schottky Bridge Rectifier
logo
Diotec Semiconductor
CS10S DIOTEC-CS10S_18 Datasheet
182Kb / 2P
SMD Schottky Bridge Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com