Electronic Components Datasheet Search
  English  ▼

X  

MP6005 Datasheet(PDF) 5 Page - Formosa MS

Part # MP6005
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MP6005 Datasheet(HTML) 5 Page - Formosa MS

  MP6005 Datasheet HTML 1Page - Formosa MS MP6005 Datasheet HTML 2Page - Formosa MS MP6005 Datasheet HTML 3Page - Formosa MS MP6005 Datasheet HTML 4Page - Formosa MS MP6005 Datasheet HTML 5Page - Formosa MS MP6005 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Profile Feature
Soldering Condition
o
Average ramp-up rate(TL to TP)
<3 C/sec
Preheat
o
-Temperature Min(Tsmin)
100 C
o
-Temperature Max(Tsmax)
150 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
183 C
-Time(tL)
60~150sec
oo
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
3.Flow (wave)soldering (solder dipping)
oo
1.Storage environment: Temperature=10 C~35 C Humidity=65%±15%
2.Reflow soldering of surface-mount devices
10~30sec
Suggested thermal profiles for soldering processes
Page 5
ts
Preheat
tL
tP
TL
TP
TS
Ramp-up
Critical Zone
TL
to TP
Tsmax
Tsmin
25
o
t25 C to Peak
Ramp-down
Time
Wave Soldering
IR Reflow
Bridge Rectifier
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
MP6005 THRU MP610
Document ID
Issued Date
RevisedDate
Revision
Page.
DS-242146
2009/08/10
-
A
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com