Electronic Components Datasheet Search
  English  ▼

X  

MP6005 Datasheet(PDF) 6 Page - Formosa MS

Part # MP6005
Description  Bridge Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

MP6005 Datasheet(HTML) 6 Page - Formosa MS

  MP6005 Datasheet HTML 1Page - Formosa MS MP6005 Datasheet HTML 2Page - Formosa MS MP6005 Datasheet HTML 3Page - Formosa MS MP6005 Datasheet HTML 4Page - Formosa MS MP6005 Datasheet HTML 5Page - Formosa MS MP6005 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Page 6
Bridge Rectifier
Formosa MS
1. Solder Resistance
2. Solderability
3. High Temperature Reverse Bias
4. Forward Operation Life
5. Intermittent Operation Life
6. Pressure Cooker
7. Temperature Cycling
8. Thermal Shock
9. Forward Surge
10. Humidity
11. High Temperature Storage Life
12. Solvent Resistance
O
at 260±5 C for 10±2sec.
immerse body into solder 1/16"±1/32"
O
at 245±5 C for 5 sec.
O
V =80% rate at T =150 C for 168 hrs.
RA
O
Rated average rectifier current at T=25 C for 500hrs.
O
T = 25 C, I = I
AF
O
On state: power on for 5 min.
off state: power off for 5 min.
on and off for 500 cycles.
O
15P
at T =121 C for 4 hrs.
SIG
A
OO
-55 C to +125 C dwelled for 30 min.
and transferred for 5min. total 10 cycles.
OO
0 C for 5 min. rise to 100 C for 5 min. total 10 cycles.
8.3ms single half sine-wave superimposed
on rated load, one surge.
O
at T =65 C, RH=98% for 1000hrs.
A
O
at 175 C for 1000 hrs.
O
Dip into Freon at 25 C for 1 min.
MIL-STD-750D
METHOD-2031
MIL-STD-202F
METHOD-208
MIL-STD-750D
METHOD-1026
MIL-STD-750D
METHOD-1027
MIL-STD-750D
METHOD-1036
MIL-STD-750D
METHOD-1051
MIL-STD-750D
METHOD-1056
MIL-STD-750D
METHOD-4066-2
MIL-STD-750D
METHOD-1038
MIL-STD-750D
METHOD-1031
MIL-STD-202F
METHOD-215
Item Test
Conditions
Reference
High reliability test capabilities
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
MP6005 THRU MP610
Document ID
Issued Date
RevisedDate
Revision
Page.
DS-242146
2009/08/10
-
A
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com