Electronic Components Datasheet Search
  English  ▼

X  

INA105 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA105
Description  Precision Unity Gain DIFFERENTIAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA105 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA105 Datasheet HTML 2Page - Texas Instruments INA105 Datasheet HTML 3Page - Texas Instruments INA105 Datasheet HTML 4Page - Texas Instruments INA105 Datasheet HTML 5Page - Texas Instruments INA105 Datasheet HTML 6Page - Texas Instruments INA105 Datasheet HTML 7Page - Texas Instruments INA105 Datasheet HTML 8Page - Texas Instruments INA105 Datasheet HTML 9Page - Texas Instruments INA105 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
®
INA105
6
FIGURE 2. Offset Adjustment.
FIGURE 3. Precision Difference Amplifier.
For low source impedance applications, an input stage using OPA27 op
amps will give the best low noise, offset, and temperature drift performance.
At source impedances above about 10k
Ω, the bias current noise of the
OPA27 reacting with the input impedance begins to dominate the noise
performance. For these applications, using the OPA111 or dual OPA2111
FET input op amp will provide lower noise performance. For lower cost use
the OPA121 plastic. To construct an electrometer use the OPA128.
R
1
R
2
GAIN
CMRR
MAX
NOISE AT 1kHz
A
1, A2
(
Ω)(Ω)
(V/V)
(dB)
I
B
(nV/
√HZ)
OPA27A
50.5
2.5k
100
128
40nA
4
OPA111B
202
10k
100
110
1pA
10
OPA128LM
202
10k
100
118
75fA
38
FIGURE 4. Precision Instrumentation Amplifier.
5
6
3
INA105
2
V
1
1
V
0
0utput
A
2
A
1
R
2
R
2
R
1
–In
V
1
+In
V
O = (1 + 2R2/R1) (V2 –V1)
FIGURE 5. Current Receiver with Compliance to Rails.
V
3
5
6
3
V
O
INA105
V
O = V3 – V3
Offset Adjustment
Range = ±300µV
2
R
3
R
1
R
2
R
4
V
2
10
Ω
499k
Ω
10
Ω
100k
Ω
+15V
–15V
1
V
3
5
6
3
V
0
INA105BM
V
0 = V3 – V2
Gain Error = 0.005%
CMR = 100dB
Nonlinearity = 0.0002%
2
R
3
R
1
R
2
V
2
25k
Ω
+In
–In
25k
Ω
R
4
25k
Ω
25k
Ω
1
V–
5
6
3
INA105
2
100
1%
Ω
1
V
0
0 to 2V
I
IN
0 to 20mA
100
1%
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com