Electronic Components Datasheet Search
  English  ▼

X  

INA105 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # INA105
Description  Precision Unity Gain DIFFERENTIAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA105 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA105 Datasheet HTML 7Page - Texas Instruments INA105 Datasheet HTML 8Page - Texas Instruments INA105 Datasheet HTML 9Page - Texas Instruments INA105 Datasheet HTML 10Page - Texas Instruments INA105 Datasheet HTML 11Page - Texas Instruments INA105 Datasheet HTML 12Page - Texas Instruments INA105 Datasheet HTML 13Page - Texas Instruments INA105 Datasheet HTML 14Page - Texas Instruments INA105 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
®
INA105
11
FIGURE 25. Precision Voltage-Controlled Current Source with Buffered Differential Inputs and Gain.
FIGURE 24. Window Comparator with Window Span and Window Center Inputs.
FIGURE 26. Digitally Controlled Gain of
±1 Amplifier.
5
6
3
2
1
8
9
Window Center + Window Span
5
6
3
1
HI
INA105
2
GO
LO
10
7
V
IN
Lower Limit
5
3
2
Upper Limit
INA105
4115
Window
Comparator
Window Span
0 to +5V
Window
Center
±10V
Window Center–Window Span
5
6
3
INA105
2
1
Load
I
O = (E2 – E1) (1 +2R2/R1) (1/25k + 1/R)
NOTE: (1) See Figure 5 for op amp recommendation.
I
O
R
(1)
V
1
V
2
+In
–In
(1)
R
1
R
2
R
2
R
V+
1k
Ω
5
6
3
1
INA105
2
1
V
O
DG188
V
1
Logic
In
Logic In
0
1
V
O
–V
1
+V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com