Electronic Components Datasheet Search
  English  ▼

X  

INA105AM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA105AM
Description  Precision Unity Gain DIFFERENTIAL AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA105AM Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA105AM Datasheet HTML 8Page - Texas Instruments INA105AM Datasheet HTML 9Page - Texas Instruments INA105AM Datasheet HTML 10Page - Texas Instruments INA105AM Datasheet HTML 11Page - Texas Instruments INA105AM Datasheet HTML 12Page - Texas Instruments INA105AM Datasheet HTML 13Page - Texas Instruments INA105AM Datasheet HTML 14Page - Texas Instruments INA105AM Datasheet HTML 15Page - Texas Instruments INA105AM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
®
INA105
12
FIGURE 27. Boosting Instrumentation Amplifier Common-Mode Range From
±5 to ±7.5V with 10V Full-Scale Output.
FIGURE 28. Precision Absolute Value Buffer.
FIGURE 29. Precision 4-20mA Current Transmitter.
V
1
Input
5
6
3
1
V
0 = |V1|
INA105
2
R
4
R
3
R
1
R
2
OPA111
10pF
D
1
D
2
R
5
2k
Ω
5
6
3
INA105
2
1
4
2
+15V
OPA27
REF10
6
10V
4 to 20mA
Out
0 to 10V
In
12.5k
Ω
1k
Ω
50k
Ω
50.1
Ω
50.1Ω
R
LOAD
INA105
A1
V
1
V
2
A2
R
1
5
6
1
3
2
V
0 = 200 (V2 – V1)
A3
R
1
49.5
Ω
R
2
R
2
R
2
R
2
Conventional
Instrumentation
Amplifier (e.g., INA101 or INA102)
A = 100
INA105
A = 2
R
1
49.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com