Electronic Components Datasheet Search
  English  ▼

X  

INA114AP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA114AP
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA114AP Datasheet(HTML) 1 Page - Texas Instruments

  INA114AP Datasheet HTML 1Page - Texas Instruments INA114AP Datasheet HTML 2Page - Texas Instruments INA114AP Datasheet HTML 3Page - Texas Instruments INA114AP Datasheet HTML 4Page - Texas Instruments INA114AP Datasheet HTML 5Page - Texas Instruments INA114AP Datasheet HTML 6Page - Texas Instruments INA114AP Datasheet HTML 7Page - Texas Instruments INA114AP Datasheet HTML 8Page - Texas Instruments INA114AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
®
INA114
1
FEATURES
q LOW OFFSET VOLTAGE: 50
µV max
q LOW DRIFT: 0.25
µV/°C max
q LOW INPUT BIAS CURRENT: 2nA max
q HIGH COMMON-MODE REJECTION:
115dB min
q INPUT OVER-VOLTAGE PROTECTION:
±40V
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q LOW QUIESCENT CURRENT: 3mA max
q 8-PIN PLASTIC AND SOL-16
INA114
DESCRIPTION
The INA114 is a low cost, general purpose instrumen-
tation amplifier offering excellent accuracy. Its versa-
tile 3-op amp design and small size make it ideal for a
wide range of applications.
A single external resistor sets any gain from 1 to 10,000.
Internal input protection can withstand up to
±40V
without damage.
The INA114 is laser trimmed for very low offset voltage
(50
µV), drift (0.25µV/°C) and high common-mode
rejection (115dB at G = 1000). It operates with power
supplies as low as
±2.25V, allowing use in battery
operated and single 5V supply systems. Quiescent cur-
rent is 3mA maximum.
The INA114 is available in 8-pin plastic and SOL-16
surface-mount packages. Both are specified for the
–40
°C to +85°C temperature range.
APPLICATIONS
q BRIDGE AMPLIFIER
q THERMOCOUPLE AMPLIFIER
q RTD SENSOR AMPLIFIER
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION
A
1
A
2
A
3
(12)
(11)
6
(10)
25k
Ω
25k
Ω
25k
Ω
25k
Ω
(13)
7
(7)
4
(5)
3
(15)
8
(2)
1
(4)
2
V
IN
V
IN
R
G
V+
V–
INA114
DIP
(SOIC)
Ref
DIP Connected
Internally
V
O
G = 1 +
50k
Ω
R
G
–
+
5
Over-Voltage
Protection
25k
Ω
25k
Ω
Over-Voltage
Protection
Feedback
Precision
INSTRUMENTATION AMPLIFIER
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
INA114
INA114
©1992 Burr-Brown Corporation
PDS-1142D
Printed in U.S.A. March, 1998
SBOS014


Similar Part No. - INA114AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA114AP BURR-BROWN-INA114AP Datasheet
191Kb / 14P
Precision INSTRUMENTATION AMPLIFIER
INA114AP BURR-BROWN-INA114AP Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA114AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524SE AD-AD524SE Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com