Electronic Components Datasheet Search
  English  ▼

X  

INA114AP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA114AP
Description  Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA114AP Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA114AP Datasheet HTML 8Page - Texas Instruments INA114AP Datasheet HTML 9Page - Texas Instruments INA114AP Datasheet HTML 10Page - Texas Instruments INA114AP Datasheet HTML 11Page - Texas Instruments INA114AP Datasheet HTML 12Page - Texas Instruments INA114AP Datasheet HTML 13Page - Texas Instruments INA114AP Datasheet HTML 14Page - Texas Instruments INA114AP Datasheet HTML 15Page - Texas Instruments INA114AP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
®
INA114
12
INA114
R
G
V
O
C
1
0.1µF
OPA602
Ref
R
1
1M
Ω
f
–3dB =
1
2
πR
1C1
= 1.59Hz
V
IN
+
–
FIGURE 10. ECG Amplifier With Right-Leg Drive.
FIGURE 12. AC-Coupled Instrumentation Amplifier.
INA114
R
G/2
V
O
LA
RL
RA
10k
Ω
Ref
G = 10
2.8k
Ω
2.8k
Ω
1/2
OPA2604
390k
Ω
390k
Ω
1/2
OPA2604
FIGURE 11. Bridge Transducer Amplifier.
INA114
R
G
100
Ω
V
O
+10V
Bridge
G = 500
Ref
INA114
R
G
I
B
R
1
V
IN
–
+
A
1
I
O
Load
I
O =
• G
V
IN
R
Ref
FIGURE 13. Differential Voltage-to-Current Converter.
A
1
I
B Error
OPA177
±1.5nA
OPA602
1pA
OPA128
75fA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com