Electronic Components Datasheet Search
  English  ▼

X  

INA134 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA134
Description  AUDIO DIFFERENTIAL LINE RECEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA134 Datasheet(HTML) 3 Page - Texas Instruments

  INA134 Datasheet HTML 1Page - Texas Instruments INA134 Datasheet HTML 2Page - Texas Instruments INA134 Datasheet HTML 3Page - Texas Instruments INA134 Datasheet HTML 4Page - Texas Instruments INA134 Datasheet HTML 5Page - Texas Instruments INA134 Datasheet HTML 6Page - Texas Instruments INA134 Datasheet HTML 7Page - Texas Instruments INA134 Datasheet HTML 8Page - Texas Instruments INA134 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
®
INA134/2134
PIN CONFIGURATIONS
Top View
8-Pin DIP/SO-8
Top View
14-Pin DIP/SO-14
Ref
–In
+In
V–
NC
V+
Output
Sense
NC = No Connection
1
2
3
4
8
7
6
5
Supply Voltage, V+ to V– .................................................................... 40V
Input Voltage Range ..........................................................................
±80V
Output Short-Circuit (to ground)(2) ........................................... Continuous
Operating Temperature ................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
(2) One channel per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
PACKAGE
SPECIFICATION
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
Single
INA134PA
8-Pin DIP
006
–40
°C to +85°C
INA134UA
SO-8 Surface-Mount
182
–40
°C to +85°C
Dual
INA2134PA
14-Pin DIP
010
–40
°C to +85°C
INA2134UA
SO-14 Surface-Mount
235
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
NC
–In A
+In A
V–
+In B
–In B
NC
Ref A
Out A
Sense A
V+
Sense B
Out B
Ref B
NC = No Connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com