Electronic Components Datasheet Search
  English  ▼

X  

INA134 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA134
Description  AUDIO DIFFERENTIAL LINE RECEIVERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA134 Datasheet(HTML) 4 Page - Texas Instruments

  INA134 Datasheet HTML 1Page - Texas Instruments INA134 Datasheet HTML 2Page - Texas Instruments INA134 Datasheet HTML 3Page - Texas Instruments INA134 Datasheet HTML 4Page - Texas Instruments INA134 Datasheet HTML 5Page - Texas Instruments INA134 Datasheet HTML 6Page - Texas Instruments INA134 Datasheet HTML 7Page - Texas Instruments INA134 Datasheet HTML 8Page - Texas Instruments INA134 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
®
INA134/2134
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±18V, unless otherwise noted.
OUTPUT VOLTAGE NOISE SPECTRAL DENSITY
vs FREQUENCY
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10k
1k
100
10
HARMONIC DISTORTION PRODUCTS
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
0.01
0.001
0.0001
0.00001
0.000001
(
noise limited)
V
O = 1Vrms
R
L = 600Ω,
2nd Harmonic
R
L = 2kΩ,
2nd Harmonic
R
L = 2kΩ,
3rd Harmonic
R
L = 600Ω,
3rd Harmonic
OUTPUT NOISE VOLTAGE
vs NOISE BANDWIDTH
Frequency (Hz)
1
10
100
1k
10k
100k
100
10
1
0.1
DIM INTERMODULATION DISTORTION
vs OUTPUT AMPLITUDE
Output Amplitude (dBu)
–10
–5
0
5
10
15
20
25
5
1
0.1
0.010
0.001
R
L = 2kΩ, 600Ω
BW = 100kHz
TOTAL HARMONIC DISTORTION+NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
1
0.1
0.010
0.001
0.0001
V
O = 10Vrms
R
L = 600Ω
R
L = 100kΩ
R
L = 2kΩ
HEADROOM - TOTAL HARMONIC DISTORTION+NOISE
vs OUTPUT AMPLITUDE
Output Amplitude (dBu)
0
5
10
15
20
25
30
1
0.1
0.010
0.001
0.0001
f = 1kHz
R
L = 600Ω
R
L = 2kΩ,
100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com